Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # PC755
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button PC755 Datasheet HTML 24Page - ATMEL Corporation PC755 Datasheet HTML 25Page - ATMEL Corporation PC755 Datasheet HTML 26Page - ATMEL Corporation PC755 Datasheet HTML 27Page - ATMEL Corporation PC755 Datasheet HTML 28Page - ATMEL Corporation PC755 Datasheet HTML 29Page - ATMEL Corporation PC755 Datasheet HTML 30Page - ATMEL Corporation PC755 Datasheet HTML 31Page - ATMEL Corporation PC755 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
PC755/745
2138D–HIREL–06/03
Figure 13 provides the input/output timing diagram for the PC755.
Figure 13. Input/Output Timing Diagram
L2 Clock AC Specifications
The L2CLK frequency is programmed by the L2 Configuration Register (L2CR[4:6])
core-to-L2 divisor ratio. See Table 15 for example core and L2 frequencies at various
divisors. Table 15 provides the potential range of L2CLK output AC timing specifications
as defined in Figure 14.
The minimum L2CLK frequency of Table 15 is specified by the maximum delay of the
internal DLL. The variable-tap DLL introduces up to a full clock period delay in the
L2CLKOUTA, L2CLKOUTB, and L2SYNC_OUT signals so that the returning
L2SYNC_IN signal is phase aligned with the next core clock (divided by the L2 divisor
ratio). Do not choose a core-to-L2 divisor which results in an L2 frequency below this
minimum, or the L2CLKOUT signals provided for SRAM clocking will not be phase
aligned with the PC755 core clock at the SRAMs.
The maximum L2CLK frequency shown in Table 15 is the core frequency divided by
one. Very few L2 SRAM designs will be able to operate in this mode. Most designs will
select a greater core-to-L2 divisor to provide a longer L2CLK period for read and write
access to the L2 SRAMs. The maximum L2CLK frequency for any application of the
PC755 will be a function of the AC timings of the PC755, the AC timings for the SRAM,
bus loading, and printed circuit board trace length.
SYSCLK
ALL INPUTS
VM
VM = Midpoint Voltage (OVDD/2 or Vin/2)
ALL OUTPUTS
VM
(Except TS, ABB,
ARTRY, DBB)
TS,ABB,DBB
ARTRY
VM
tIVKH
tIXKH
tKHOE
tKHOV
tKHOX
tKHABPZ
tKHOV
tKHOX
tKHOZ
tKHARPZ
tKHOV
tKHOX
tKHARP
tKHOV
tKHOZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com