Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMZFU366LE Datasheet(PDF) 12 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 9Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 10Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 11Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 12Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 13Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 14Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
PC755/745
2138D–HIREL–06/03
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals except the L2 cache controls (L2CE, L2WE, and
L2ZZ); L2OV
DD supplies power to the L2 cache interface (L2ADDR[0-16], L2DATA[0-63], L2DP[0-7] and L2SYNC-OUT)
and the L2 control signals; and VDD supplies power to the processor core and the PLL and DLL (after filtering to become
AVDD and L2AVDD respectively). These columns serve as a reference for the nominal voltage supported on a given signal as
selected by the BVSEL/L2VSEL pin configurations of Table 4 and the voltage supplied. For actual recommended value of
VIN or supply voltages see Table 5.
2. These are test signals for factory use only and must be pulled up to OVDD for normal machine operation.
3. To allow for future I/O voltage changes, provide the option to connect BVSEL and L2VSEL independently to either OV
DD
(selects 3.3V) or to OGND (selects 1.8V/2.0V).
4. These pins are reserved for potential future use as additional L2 address pins.
5. Uses one of 9 existing no
-connects in PC750’s 360-BGA package.
6. Internal pull up on die.
7. Internally tied to L2OV
DD in the PC755 360-BGA package to indicate the power present at the L2 cache interface. This sig-
nal is not a power supply input.
8. This is different from the PC745 255-BGA package.
TEA
J1
Low
Input
–
–
TLBISYNC
A3
Low
Input
–
–
TMS(6)
C8
High
Input
–
–
TRST(6)
A10
Low
Input
–
–
TS
K7
Low
I/O
–
–
TSIZ[0
-2]
A9, B9, C9
High
Output
–
–
TT[0
-4]
C10, D11, B12, C12, F11
High
I/O
–
–
WT
C3
Low
Output
–
–
VDD
G8, G10, G12, J8, J10, J12, L8, L10, L12, N8, N10, N12
–
–
2V
2V
VOLTDET(7)
K13
High
Output
–
–
Table 2. Pinout Listing for the PC755, 360 PBGA, CBGA and CI-CGA Packages + HiTCE
(8) (Continued)
Signal Name
Pin Number
Active
I/O
I/F Voltages
Supported(1)
1.8V/2.0V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com