Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CMZFU366LE Datasheet(PDF) 18 Page - ATMEL Corporation

Part # PC755CMZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CMZFU366LE Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button PC755CMZFU366LE Datasheet HTML 14Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 15Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 16Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 18Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 19Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 20Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 21Page - ATMEL Corporation PC755CMZFU366LE Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
18
PC755/745
2138D–HIREL–06/03
Figure 6. C4 Package with Head Sink Mounted to a Printed-circuit Board
Note the internal versus external package resistance.
Thermal Management
Assistance
The PC755 incorporates a thermal management assist unit (TAU) composed of a ther-
mal sensor, digital-to-analog converter, comparator, control logic, and dedicated
special-purpose registers (SPRs). Specifications for the thermal sensor portion of the
TAU are found in Table 9. More information on the use of this feature is given in the
Motorola PC755 RISC Microprocessor User’s manual.
Notes:
1. The temperature is the junction temperature of the die. The thermal assist unit’s raw
output does not indicate an absolute temperature, but must be interpreted by soft-
ware to derive the absolute junction temperature. For information about the use and
calibration of the TAU, see Motorola Application Note AN1800/D, “Programming the
Thermal Assist Unit in the PC750 Microprocessor”.
2. The comparator settling time value must be converted into the number of CPU clocks
that need to be written into the THRM3 SPR.
3. Guaranteed by design and characterization.
ExternalResistance
ExternalResistance
InternalResistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed ± Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
Table 9. Thermal Sensor Specifications at Recommended Operating Conditions
(see Table 5)
Characteristic
Min
Max
Unit
Temperature range(1)
0
127
°C
Comparator settling time(2)(3)
20
–
s
Resolution(3)
4
–
°C
Accuracy(3)
-12
+12
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com