Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3224-DC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP3224-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3224-DC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIP3224-DC Datasheet HTML 2Page - NXP Semiconductors PIP3224-DC Datasheet HTML 3Page - NXP Semiconductors PIP3224-DC Datasheet HTML 4Page - NXP Semiconductors PIP3224-DC Datasheet HTML 5Page - NXP Semiconductors PIP3224-DC Datasheet HTML 6Page - NXP Semiconductors PIP3224-DC Datasheet HTML 7Page - NXP Semiconductors PIP3224-DC Datasheet HTML 8Page - NXP Semiconductors PIP3224-DC Datasheet HTML 9Page - NXP Semiconductors PIP3224-DC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
PIP3224-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
6 of 16
9397 750 12362
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Static characteristics
Table 7:
Static characteristics
Limits are valid for
−40 °C ≤ Tmb ≤ +150 °C and typical values for Tmb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Clamping voltage
VBG(CL)
battery-ground clamping voltage
IG = 1 mA
455565V
VBL(CL)
battery-load clamping voltage
IL =IG = 1 mA
50
55
65
V
VLG(CL)
load-ground clamping voltage
IL =10mA; Figure 13
[1]
−18
−23
−28
V
IL = 4 A; tp = 300 µs
−20
−25
−30
V
Supply voltage
VBG(oper)
battery-ground operating voltage
5.5
-
35
V
Current [2]
IB
battery quiescent current
VLG =VIG =0V; Figure 9
[3]
Tmb = 150 °C
--20
µA
Tmb =25 °C
-
0.1
1
µA
IL(off)
off-state load current
VBL =VBG; per channel
Tmb = 150 °C
--10
µA
Tmb =25 °C
-
0.1
1
µA
IG(on)
operating current
one channel on; Figure 5
-
23mA
both channels on
-
4
6
mA
IL(nom)
nominal load current (ISO)
VBL = 0.5 V; Tmb =85 °C
[4]
3.6
-
-
A
Resistance
RBLon
battery-load on-state resistance
9
≤ VBG ≤ 35 V; IL =4A; Figure 4 [5]
Tmb =25 °C
-
73
90
m
Ω
Tmb = 150 °C
-
146
180
m
Ω
VBG = 5.5 V; IL =4A
Tmb =25 °C
-
76
120
m
Ω
Tmb = 150 °C
-
150
240
m
Ω
RG
ground resistor
IG = −200 mA; tp = 300 µs
[6]
40
75
100
Ω
Input [7]
II
input current
VIG = 5 V
20
60
160
µA
VIG(CL)
input-ground clamping voltage
II = 200 µA
5.5
7
8.5
V
VIG(on)
input-ground turn-on voltage
Figure 8
-
2.1
3
V
VIG(off)
input-ground turn-off voltage
1.2
1.8
-
V
VIG(on)(hys)
input-ground turn-on hysteresis
0.15
0.3
0.5
V
II(on)
input turn-on current
VIG =3V
-
-
100
µA
II(off)
input turn-off current
VIG = 1.2 V
12
-
-
µA
Open current detection [8][9]
VLG(oc)
load-ground open circuit voltage
VBG ≥ 9 V
1.5
2.5
3.5
V
IG(oc)
open-circuit operating current
VBG =VLG =16V
open load detected; other
channel is off
-
0.8
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com