Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP3224-DC Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PIP3224-DC
Description  Dual channel high-side TOPFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3224-DC Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PIP3224-DC Datasheet HTML 8Page - NXP Semiconductors PIP3224-DC Datasheet HTML 9Page - NXP Semiconductors PIP3224-DC Datasheet HTML 10Page - NXP Semiconductors PIP3224-DC Datasheet HTML 11Page - NXP Semiconductors PIP3224-DC Datasheet HTML 12Page - NXP Semiconductors PIP3224-DC Datasheet HTML 13Page - NXP Semiconductors PIP3224-DC Datasheet HTML 14Page - NXP Semiconductors PIP3224-DC Datasheet HTML 15Page - NXP Semiconductors PIP3224-DC Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
PIP3224-DC
Dual channel high-side TOPFET™
Product data
Rev. 01 — 20 February 2004
12 of 16
9397 750 12362
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
10. Package information for SOT427
Epoxy meets requirements of UL 94 V-0 at 1/8 inch thickness. Net mass: 1.5 g.
For soldering guidelines and surface mount footprint design, please visit
http://www.semiconductors.philips.com/package/
Fig 13. Switching a large inductive load.
Fig 14. Open circuit detect waveforms.
0 V
0
03pa99
0 A
0 V
VIG
VSG
IL
VL
5 V
5 V
EBL(CL)S
0 V
0.7 V
0
03pb00
0 V
VIG
VSG
VL
5 V
5 V
td(oc)
toff
10%
90%
ton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com