Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6000GP Datasheet(PDF) 2 Page - Micro Commercial Components

Part # R6000GP
Description  200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R6000GP Datasheet(HTML) 2 Page - Micro Commercial Components

  R6000GP Datasheet HTML 1Page - Micro Commercial Components R6000GP Datasheet HTML 2Page - Micro Commercial Components R6000GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision:
A
20
17/05/03
www.mccsemi.com
2 of 3
Fig.4 - Typical High Temperature Reverse Leakage
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig.3 - Typical Forward Characteristics
Flg.1 Forward Current Derating Curve
Flg.2 Typical Reverse Characteristics
Micro Commercial Components
M C C
R
50
100
150
0.00
0.05
0.10
0.15
0.20
Ambient Temperature (
oC)
0
1
2
3
4
5
0.001
0.01
0.1
1
IF(A)
Tj=25
oC
VF(V)
0
40
80
120
160
0.1
1
10
Temperature (
oC)
60
80
100
120
140
160
0.1
1
10
Tj=25
oC
%(VR)
IR(
μA)
R5000GP~R6000GP
R4000GP
R3000GP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com