Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6000GP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # R6000GP
Description  200 Milliamp High Voltage Silicon Rectifier 3000 to 6000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

R6000GP Datasheet(HTML) 1 Page - Micro Commercial Components

  R6000GP Datasheet HTML 1Page - Micro Commercial Components R6000GP Datasheet HTML 2Page - Micro Commercial Components R6000GP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
3000GP
THRU
R
6000GP
200 Milliamp
High Voltage
Silicon Rectifier
3000 to 6000 Volts
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
Microsemi
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
R
3000GP R3000GP
3000V
2100V
3000V
R
6000GP R6000GP
6000V
4200V
6000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
200mA
TA =
60°C
Peak Forward Surge
Current
IFSM
15A
8.3ms, half sine
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0µA
TA = 25°C
Maximum reverse
recovery time
Trr
>1200 IF=0.5A,IR=1.0A,
IRR=0.25A(RG1circuit)
DO-15
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
17/05/03
Maximum
Instantaneous
Forward Voltage
R
3000GP
R
4000GP
R5000GP~R6000GP
VF
2.3V
3.5V
IFM = 0.5A;
TA = 50°C
www.mccsemi.com
1 of 3
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note: 1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
•
High Voltage
•
Low Leakage
•
Low Forward Voltage Drop
•
Glass passivated chip
Micro Commercial Components
M C C
R
R
4000GP R4000GP
4000V
2800V
4000V
R
5000GP R5000GP
5000V
3500V
5000V
5.0V


Similar Part No. - R6000GP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
R6000 NJSEMI-R6000 Datasheet
136Kb / 3P
General Purpose Plastic Rectifier
logo
Brady Worldwide, Inc.
R6000 BRADY-R6000 Datasheet
284Kb / 4P
BRADYBONDZ(TM) B-423 THERMAL TRANSFER PRINTABLE GLOSSY WHITE POLYESTER LABEL STOCK
10/05/2022
R6000 BRADY-R6000 Datasheet
49Kb / 1P
Thermal Transfer Printer Ribbon
logo
Rohm
R6000ENH ROHM-R6000ENH Datasheet
2Mb / 14P
Nch 600V 0.5A Power MOSFET
logo
Micro Commercial Compon...
R6000F MCC-R6000F Datasheet
67Kb / 3P
0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
More results

Similar Description - R6000GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS3000 MCC-RS3000 Datasheet
70Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
RS3000 MCC-RS3000_11 Datasheet
219Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 3000 Volts
R1200 MCC-R1200_11 Datasheet
366Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R2500 MCC-R2500 Datasheet
214Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
R2500F MCC-R2500F Datasheet
229Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R4000F MCC-R4000F Datasheet
182Kb / 2P
200 Milliamp High Voltage Silicon Rectifier 4000 to 5000 Volts
R3000-TP MCC-R3000-TP Datasheet
240Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 2500 to 3000 Volts
RM1200E MCC-RM1200E_15 Datasheet
265Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
R2500F MCC-R2500F_13 Datasheet
174Kb / 3P
200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
R4000GPS MCC-R4000GPS Datasheet
546Kb / 3P
200 Milliamp High Voltage Silicon Rectifier 4000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com