Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF106 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # RF106
Description  RF106 900 MHz Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF106 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  RF106 Datasheet HTML 1Page - Synaptics Incorporated. RF106 Datasheet HTML 2Page - Synaptics Incorporated. RF106 Datasheet HTML 3Page - Synaptics Incorporated. RF106 Datasheet HTML 4Page - Synaptics Incorporated. RF106 Datasheet HTML 5Page - Synaptics Incorporated. RF106 Datasheet HTML 6Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
2/1/99
Order No. W118
RF106 900 MHz Power Amplifier
Product Description
The RF106 is a class AB RF power amplifier for 900 MHz
ISM band applications. It delivers output power
proportional to the input signal power.
The RF106 power amplifier, combined with Conexant's
RF105 diSSTance™ (digital Spread Spectrum
Technology) transceiver, forms a complete system
solution for a direct conversion 900 MHz diSSTance radio
which is fully compliant with FCC Part 15 regulations in
the ISM band.
The RF106 is operational in the 900 MHz ISM band with
supply voltage ranging from 2.7V to 5V. It is available in a
small 20-pin TSSOP package, shown in Figure 1. Figure 2
shows a block diagram for the RF106.
Features
•
Class AB-type RF power amplifier
•
100 mW peak envelope output power
•
Very fast settling from standby mode to active
mode
•
Efficient high output power operation
•
Very few external components required
•
20-pin TSSOP package
Applications
•
diSSTance-technology cordless telephone
•
Direct sequence spread spectrum systems
•
Frequency hopping spread spectrum systems
•
Wireless LANs
•
Wireless modems
•
Wireless security
•
Inventory control systems
RFOUT
GND1
MATCH
VCC1
NC
VCC2
NC
VCC3
GND2
ENABLE
GND9
GND8
GND7
GND6
NC
NC
GND5
GND4
GND3
RFIN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
RF106
Figure 1. RF106 Pin Signals – 20 Pin TSSOP
Bias
RFOUT
RFIN
ENABLE
A1
A2
A3
Figure 2. RF106 Block Diagram


Similar Part No. - RF106

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF10 EXTECH-RF10 Datasheet
55Kb / 1P
Brix Refractometers
logo
Mersen
RF10/RL10 MERSEN-RF10/RL10 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Teledyne Technologies I...
RF100-12 TELEDYNE-RF100-12 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
More results

Similar Description - RF106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0912 MOTOROLA-MRFIC0912 Datasheet
120Kb / 6P
900 MHz GaAs INTEGRATED POWER AMPLIFIER
logo
Ericsson
PBL40310 ERICSSON-PBL40310 Datasheet
64Kb / 4P
3.5 V GSM 900 MHz Power Amplifier
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077 Datasheet
111Kb / 4P
900 MHz BAND AMPLIFIER APPLICATIONS
logo
Tyco Electronics
MAAM-007217 MACOM-MAAM-007217 Datasheet
142Kb / 4P
LO Buffer Amplifier 900 - 2000 MHz
logo
IC MICROSYSTEMS
ICL2001-23 ICMIC-ICL2001-23 Datasheet
913Kb / 6P
800 - 900 MHz LOW NOISE AMPLIFIER
logo
Stealth Microwave, Inc.
SM08590-45LD STEALTH_MICROWAVE-SM08590-45LD Datasheet
221Kb / 3P
850-900 MHz 30 Watt Linear Power Amplifier
SM08790-47 STEALTH_MICROWAVE-SM08790-47 Datasheet
176Kb / 3P
869-900 MHz 50 Watt Linear Power Amplifier
SM08790-51LD STEALTH_MICROWAVE-SM08790-51LD Datasheet
153Kb / 3P
870 - 900 MHz 120 Watt Power Amplifier
SM09093-51LD STEALTH_MICROWAVE-SM09093-51LD Datasheet
150Kb / 3P
900 - 930 MHz 120 Watt Power Amplifier
logo
Texas Instruments
THS3491 TI1-THS3491 Datasheet
838Kb / 28P
900-MHz, High-Power Output, Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com