Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2000ERW Datasheet(PDF) 5 Page - MicroPower Direct, LLC

Part # MB2000ERW
Description  Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2000ERW Datasheet(HTML) 5 Page - MicroPower Direct, LLC

  MB2000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 4Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 5Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 6Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.micropowerdirect.com
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Mechanical Dimensions: A2 Chassis Mount Adapter
Mechanical Dimensions: A4 DIN Rail Adapter
For the chassis mount option, add suffix “A2” to the
model number (i.e. MB2024D-09ERW-A2)
For the DIN rail mount option, add suffix “A4” to the
model number (i.e. MB2024D-09ERW-A4)
Pin
Single Output
Dual Output
1
Remote On/Off
2-VIN
-VIN
3+VIN
+VIN
4-VOUT
-VOUT
5
Trim ()
Common
6+VOUT
+VOUT
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Weight (Typ) = 1.69 Oz (48g)
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Weight (Typ) = 2.40 Oz (68g)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com