Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2000ERW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MB2000ERW
Description  Low Cost, 1 x 2 Inch 20W, 2:1 Input Range DC/DC Con vert ers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MB2000ERW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MB2000ERW Datasheet HTML 1Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 2Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 3Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 4Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 5Page - MicroPower Direct, LLC MB2000ERW Datasheet HTML 6Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
20W Output Power
EN 60950 Approval (Pending)
2:1 Input Voltage Range
1,500 VDC Isolation
Single & Dual Outputs
Efficiency to 90%
Compact 1 x 2 Inch Case
-40°C to +85°C Operation
Industry Standard Pin-Out
Low Cost
MB2000ERW
Low Cost, 1 x 2 Inch
20W, 2:1 Input Range
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
24 VDC Input
18.0
24.0
36.0
VDC
48 VDC Input
36.0
48.0
75.0
Input Start Voltage
12 VDC Input
18.0
VDC
24 VDC Input
36.0
Input Filter
(Pi) Filter
Start-Up Time
See Note 2
10
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
See Note 3
±1.0
±3.0
%
Output Trim Range
±10
%
Line Regulation, VIN = Min to Max
Positive Output
±0.2
±0.5
%
Negative Output
±0.5
±1.0
Load Regulation, IOUT = 5% to 100%
Positive Output
±0.5
±1.0
%
Negative Output
±0.5
±1.5
Cross Regulation
See Note 4
±5.0
%
Ripple & Noise (20 MHz)
See Note 5
50
100
mV P - P
Transient Recovery Time, See Note 6
300
500
µS
Transient Response Deviation
3.3, 5.0 & ±5.0 Output Models
±5.0
±8.0
%
All Other Models
±3.0
±5.0
Temperature Coefficient
±0.03
%/°C
Over Voltage Protection
110
160
%
Output Power Protection
110
190
%
Output Short Circuit, See Note 7
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance, 100 kHz, 0.1V
Model MB2024S-24ERW
2,050
pF
All Other Models
1,050
Switching Frequency
270
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
°C
Storage Temperature Range
-55
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagrams (Pages 4,5 & 6)
Case Material
Aluminum Alloy With Non-Conductive Base (UL94-V0)
Weight
See Mechanical Diagrams (Pages 4,5 & 6)
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Unit On
See Note 8
3.5
12.0
VDC
Unit Off
See Note 8
0
1.2
VDC
Off Idle Current
4.0
7.0
mA
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.0
MHours
Vibration
10 - 55 Hz, 10G, 30 Min, on X, Y & Z Axis
Safety Standards
UL 60950, EN 60950 (Pending)
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
50.0
VDC
48 VDC Input
100.0
Lead Temperature
1.5 mm From Case for 10 Sec
300
°C
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MB2000ERW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2000 NKK-MB2000 Datasheet
1Mb / 23P
General Specifications
logo
MicroPower Direct, LLC
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
More results

Similar Description - MB2000ERW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
MB3000ERW MPD-MB3000ERW Datasheet
804Kb / 4P
Low Cost, 1 x 2 Inch 30W, 2:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
MB1000ERU MPD-MB1000ERU Datasheet
846Kb / 4P
Low Cost, 1 x 2 Inch 10W, 4:1 Input Range DC/DC Con vert ers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com