Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPV1580LS Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPV1580LS
Description  Compact PV Power, 15W 200 - 1500V Input DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1580LS Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPV1580LS Datasheet HTML 1Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 2Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min
)
Nominal
Range
MPV1080LS-05RHI
800
200 - 1500
5.0
2,000
0.0
70
8.0
6,000
15A/1,500 VDC
MPV1580LS-12RHI
800
200 - 1500
12.0
1,250
0.0
76
20.0
2,000
15A/1,500 VDC
MPV1580LS-15RHI
800
200 - 1500
15.0
1,000
0.0
77
20.0
1,500
15A/1,500 VDC
MPV1580LS-24RHI
800
200 - 1500
24.0
625
0.0
79
30.0
470
15A/1,500 VDC
Derating Curve: Temperature (Input = 200 - 1500 VDC)
Notes:
1. To meet the specified ripple and noise levels, external capacitors are required. See the typical connection information on page three for recommended values. For more information, please
contact the factory.
2. All units will meet EN 55022 (CE/RE) class A with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
3. All units will meet EN 61000-4-4 (±2 kV) with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
4. All units will meet the requirements of EN 61000-4-5 (±1 kV), with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
5. Lead temperature is measured 1.5 mm from the case.
6. Operation at no load will not damage the units, however, they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. For the MPV1580L-xxRHI series, a 15A/1,500 VDC slow blow should be used.
Model Selection Guide
Efficiency Vs Output Load - VIN = 800V
Efficiency Vs Input Voltage - Full Load
Derating Curve: Altitude



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com