Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPV1580LS Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPV1580LS
Description  Compact PV Power, 15W 200 - 1500V Input DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV1580LS Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPV1580LS Datasheet HTML 1Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 2Page - MicroPower Direct, LLC MPV1580LS Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Typical Connection 1
Typical Connection 2: With External EMC Components
Recommended values for components are:
Model
LDM
LCM
C1, C2, C3, C4
C5, C6, C7, C8
R1, R2, R3, R4
C9
C10
TVS
MPV1080LS-05RHI
330 µH/1A 7 mH/1A
0.1
μF/275 VAC
47
μF/450V
1 M /2W
1.0
μF/50V
120
μF/25V
SMBJ7.0A
MPV1580LS-12RHI
SMBJ20A
MPV1580LS-15RHI
MPV1580LS-24RHI
68
μF/35V
SMBJ30A
For applications that require meeting higher EMC standards,
the circuit shown at left is recommended. Some notes on this
diagram (starting with the input circuit) are:
1. It is recommended that an external fuse be used. The
recommended fuse is 15A/1,500V.
2. Capacitors C1, C2, C3 and C4 are input filter components
(connected in series to achieve the required capacitance
level).
3. Capacitors C5, C6, C7 and C8 are also input filter com-
ponents. Resistors R1, R2, R3 and R4 help to balance the
current across the capacitors.
4. Capacitor C9 is ceramic. This capacitor is used to filter
high frequency noise. A recommended value is given in
the table below.
5. Capacitor C10 is an electrolytic. A low ESR, high frequency
capacitor should be used.The recommended value is given
in the table below.
6. The output TVS will help protect system circuitry if the
converter fails.A recommended value is given in the table
below.
7. Derating on all capacitors should be 80% or more.
The diagram at left illustrates a typical connection of the
MPV1580LS-xxRHI series. Output capacitors C9 and
C10 are filtering components. Capacitor C9 is a ceramic
and C10 is a high frequency, low resistance electrolytic.
The TVS is recommended to protect circuit components if
there is a fault with the converter.
The recommended component values are given in the
table below.
Mechanical Dimensions
Pin
Function
1+VIN
2-VIN
3
No Connection
4
No Connection
5-VOUT
6+VOUT
Pin Connections
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com