Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3050 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # Si3050
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3050 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button Si3050 Datasheet HTML 35Page - Silicon Laboratories Si3050 Datasheet HTML 36Page - Silicon Laboratories Si3050 Datasheet HTML 37Page - Silicon Laboratories Si3050 Datasheet HTML 38Page - Silicon Laboratories Si3050 Datasheet HTML 39Page - Silicon Laboratories Si3050 Datasheet HTML 40Page - Silicon Laboratories Si3050 Datasheet HTML 41Page - Silicon Laboratories Si3050 Datasheet HTML 42Page - Silicon Laboratories Si3050 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
39
5.29. Filter Selection
The Si3050 supports additional filter selections for the
receive and transmit signals as defined in Tables 10 and
11. The IIRE bit (Register 16, bit 4) selects between the
IIR and FIR filters. The IIR filter provides a shorter, but
non-linear, group delay alternative to the default FIR
filter, and only operates with an 8 kHz sample rate. The
FILT bit (Register 31, bit 1) selects a –3 dB low
frequency pole of 5 Hz when cleared and a –3 dB low
frequency pole of 200 Hz (per EIA/TIA 464) when set.
The FILT bit affects the receive path only.
5.30. Clock Generation
The Si3050 generates the necessary internal clock
frequencies from the PCLK input. PCLK must be
synchronous to the 8 kHz FSYNC clock and run at one
of the following rates: 256kHz, 512kHz, 768kHz,
1.024 MHz, 1.53 MHz, 2.048 MHz, 4.09 MHz, or
8.192 MHz. The ratio of the PCLK rate to the FSYNC
rate is determined internally by the DAA and is
transferred into internal registers after a reset. These
internal registers are not accessible through register
reads or writes. Figure 29 shows the operation of the
Si3050 clock circuitry.
The PLL clock synthesizer settles quickly after powerup.
However, the settling time depends on the PCLK
frequency and it can be approximately predicted by the
following equation:
Tsettle =64/FPCLK
For all valid PCLK frequencies listed above, the default
line sample rate is 8 kHz. This sample rate can be
increased to 16 kHz by setting the HSSM bit
(Register 7, bit 3). Regardless of the sample rate
frequency, the serial data communication rate of the
PCM and GCI highways remains 8 kHz. When the
16 kHz sample rate is selected, additional timeslots in
the PCM or GCI highway are used to transfer the
additional data.
5.31. Communication Interface Mode
Selection
The Si3050 supports two communication interface
protocols:
PCM/SPI mode where data and control information
transmission/reception occurs across separate
buses (PCM highway for data, and SPI port for
control).
GCI mode where data and control information is
multiplexed and transmission/reception occurs
across the GCI highway bus.
A pin-strapping method (specifically, the state of SCLK
on power-up [reset]) is used to select between the two
communication interface protocols. Tables 19 and 20
specify how to select a communication mode, and how
the various pins are used in each mode.
When operating in PCM/SPI mode, the GCI control
register should not be written (i.e., Register 42 must
each remain set at 0000_0000 when using the PCM/
SPI highway mode). Similarly, when operating in GCI
highway mode the PCM registers should not be written
(i.e., Registers 33–37 must remain set to 0000_0000
when using the GCI highway mode).
Figure 29. PLL Clock Synthesizer
PFD
VCO
2
16.384 MHz
DIV M
PCLK
Internal PLL
Register
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com