Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR1/2W2R2KP Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # CCR1/2W2R2KP
Description  Carbon Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CCR1/2W2R2KP Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  CCR1/2W2R2KP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 5/5
General Information
General Purpose Resistors with Customized Service
Token Electronics is expanding business to include a broad range of General Purpose Resistor products
designed for high volume applications. This expanded range of commercial resistor presents a more
comprehensive product offering for Customer Experience Management (CEM) and other high volume
customers that require quality products at competitive pricing.
Backed by the same customer service, technical support and quality assurance that Token has always
provided, these new commercial products enable you the opportunity to source a wider range of
resistors from a trusted supplier.
General Use
When an ambient temperature exceeds a rated ambient temperature, resistor shall be applied on the
derating curve by derating the load power. General purpose resistor under overloads is not combustion
resistant and is likely to emit, flame, gas, smoke, red heat, etc. Flame retardant resistor generally emits
smoke and red heat in a certain power and over but do not emit fire or flame.
When resistors are shielded or coated with resin etc., stress from the storage heat and the resins are
applied. So, performance and reliability should be checked well before use.
When a voltage higher than rated is applied in a short time (single pulse, repeated pulses, surge, etc.), it
does not necessarily ensure safety that an effective wattage is not higher than a rated wattage. Then
consult with us with your specified pulse wave shape. Resistors shall be used in a condition causing no
dew condensation.
Keep temperature from rising by choosing resistor with a higher rated capacity; do not use a
component having the exact load value required. For considerations of safety in extended period
applications, the rating should be more than four times higher than the actual wattage involved, but
never use resistors at less than 25% of its rated power.
In applications where resistors are subject to intermittent current surges and spikes, be sure in advance
that the components selected are capable of withstanding brief durations of increased load.
Do not exceed the recommended rated load. Resistor must use within the rated voltage range to
prevent the shortening of service life and/or failure of the wound resistance elements.
Minimum load: Resistor must be utilized at 1/10 or more of the rated voltage to prevent poor
conductance due to oxidation build-up. For basic particulars for cautions, refer to EIAJ Technical
Report RCR-2121 "Guidance for care note on fixed-resistors".



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com