Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR1/2W2R2KP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # CCR1/2W2R2KP
Description  Carbon Composition Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CCR1/2W2R2KP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  CCR1/2W2R2KP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CCR1/2W2R2KP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Taiwan Factory: +886 2 29810109
http://www.token.com.tw
rfq@token.com.tw
China Factory: +86 755 26055363
Page: 2/5
Dimensions
Dimensions (Unit: mm) (CCR)
Type
Power Rating
L
Φ D
H
Φ d
CCR
1/4W
6.3
+1.0
2.3±0.3
27±2
0.60±0.02
-1.0
CCR
1/2W
9.5
+0.5
3.5±0.3
27±2
0.70±0.02
-1.5
CCR
1W
15
+1.5
6.0±0.3
28±2
0.80±0.02
-0.5
CCR
2W
18
+0.5
8.0±0.3
27±2
1.00±0.02
-1.5
Carbon Composition (CCR) Dimensions (Unit: mm)
Ratings Specifications
Ratings Specifications (CCR)
Type
Power
Rating
Resistance
Range
Tolerance
E12,E24
Max Working
voltage
Max overload
Voltage
Rated Ambient
Temp.
Operating
Temp. Range
CCR
1/4W
2.2Ω ~ 12MΩ
J(±5%)
K±10%
M±20%
250V
400V
+70℃
-55℃ ~ +125℃
CCR
1/2W
2.2Ω ~ 22MΩ
350V
700V
+70℃
-55℃ ~ +125℃
CCR
1W
2.2Ω ~ 22KΩ
500V
1000V
+70℃
-55℃ ~ +125℃
CCR
2W
1.8Ω ~ 10KΩ
500V
1000V
+70℃
-55℃ ~ +125℃
Rated Voltage =
√�������������������� ������������������������ ∗ ���������������������������������������� �������������������� or Max. Working voltage, whichever is lower.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com