Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W134HT Datasheet(PDF) 8 Page - Silicon Laboratories

Part # W134HT
Description  Direct Rambus??Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

W134HT Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button W134HT Datasheet HTML 3Page - Silicon Laboratories W134HT Datasheet HTML 4Page - Silicon Laboratories W134HT Datasheet HTML 5Page - Silicon Laboratories W134HT Datasheet HTML 6Page - Silicon Laboratories W134HT Datasheet HTML 7Page - Silicon Laboratories W134HT Datasheet HTML 8Page - Silicon Laboratories W134HT Datasheet HTML 9Page - Silicon Laboratories W134HT Datasheet HTML 10Page - Silicon Laboratories W134HT Datasheet HTML 11Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W134
........................ Document #: 38-07426 Rev. *C Page 8 of 11
Notes:
1. Represents stress ratings only, and functional operation at the maximums is not guaranteed.
2. Gives the nominal values of the external components and their maximum acceptable tolerance, assuming ZCH = 28.
3. Do not populate CF. Leave pads for future use.
4. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
5. Refclk jitter measured at VDDIR (nom)/2.
6. If input modulation is used: input modulation is allowed but not required.
7. Capacitance measured at Freq=1 MHz, DC bias = 0.9V and VAC < 100 mV.
8. The amount of allowed spreading for any non-triangular modulation is determined by the induced downstream tracking skew, which cannot exceed the skew
generated by the specified 0.6% triangular modulation. Typically, the amount of allowed non-triangular modulation is about 0.5%.
Absolute Maximum Conditions[1]
Parameter
Description
Min.
Max.
Unit
VDD, ABS
Max. voltage on VDD with respect to ground
–0.5
4.0
V
VI, ABS
Max. voltage on any pin with respect ground
–0.5
VDD + 0.5
V
External Component Values[2]
Parameter
Description
Min.
Max.
Unit
RS
Serial Resistor
39
±5%
RP
Parallel Resistor
51
±5%
CF
Edge Rate Filter Capacitor
4–15[3]
±10%
pF
CMID
AC Ground Capacitor
470 pF
0.1
F±20%
Operating Conditions[4]
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.135
3.465
V
TA
Ambient Operating Temperature
0
70
°C
tCYCLE,IN
Refclk Input Cycle Time
10
40
ns
tJ,IN
Input Cycle-to-Cycle Jitter[5]
–
250
ps
DCIN
Input Duty Cycle over 10,000 Cycles
40
60
%tCYCLE
FMIN
Input Frequency of Modulation
30
33
kHz
PMIN
[6]
Modulation Index for Triangular Modulation
–
0.6
%
Modulation Index for Non-Triangular Modulation
–
0.5[8]
%
tCYCLE,PD
Phase Detector Input Cycle Time at PclkM & SynclkN
30
100
ns
tERR,INIT
Initial Phase error at Phase Detector Inputs
–0.5
0.5
tCYCLE,PD
DCIN,PD
Phase Detector Input Duty Cycle over 10,000 Cycles
25
75
tCYCLE,PD
tI,SR
Input Slew Rate (measured at 20%-80% of input voltage) for PclkM,
SynclkN, and Refclk
14
V/ns
CIN,PD
Input Capacitance at PclkM, SynclkN, and Refclk[7]
–7
pF
DCIN,PD
Input Capacitance matching at PclkM and SynclkN[7]
–0.5
pF
CIN,CMOS
Input Capacitance at CMOS pins (excluding PclkM, SynclkN, and
Refclk)[7]
–10
pF
VIL
Input (CMOS) Signal Low Voltage
–
0.3
VDD
VIH
Input (CMOS) Signal High Voltage
0.7
–
VDD
VIL,R
Refclk input Low Voltage
–
0.3
VDDIR
VIH,R
Refclk input High Voltage
0.7
–
VDDIR
VIL,PD
Input Signal Low Voltage for PD Inputs and StopB
–
0.3
VDDIPD
VIH,PD
Input Signal High Voltage for PD Inputs and StopB
0.7
–
VDDIPD
VDDIR
Input Supply Reference for Refclk
1.235
3.465
V
VDDIPD
Input Supply Reference for PD Inputs
1.235
2.625
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com