Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCG3PA Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CCG3PA
Description  USB Type-C Port Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG3PA Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CCG3PA Datasheet HTML 11Page - Cypress Semiconductor CCG3PA Datasheet HTML 12Page - Cypress Semiconductor CCG3PA Datasheet HTML 13Page - Cypress Semiconductor CCG3PA Datasheet HTML 14Page - Cypress Semiconductor CCG3PA Datasheet HTML 15Page - Cypress Semiconductor CCG3PA Datasheet HTML 16Page - Cypress Semiconductor CCG3PA Datasheet HTML 17Page - Cypress Semiconductor CCG3PA Datasheet HTML 18Page - Cypress Semiconductor CCG3PA Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Document Number: 002-16951 Rev. *F
Page 15 of 37
EZ-PD™ CCG3PA Datasheet
Figure 9 shows the application diagram of a CCG3PA based power adapter application with direct feedback control for two port car
charger. The car charger application can charge portable devices connected to the Type-C and Type-A port simultaneously. The
Type-C port supports USBPD 3.0 QC 4.0, Apple Charging 2.4A, and AFC. The Type-A port supports QC 3.0, Apple Charging and AFC.
Figure 9. CCG3PA Based Power Adapter Application with Direct Feedback Control for Two Port Car Charger
DC/DC Regulator 1
CYPD3175-24LQXQ
P1.0
P2.0/AXRES
20
VBUS_P_CTRL
CC1
CC2
VBUS_IN_DISCHARGE
3
18
15
14
Type-C
Receptacle
390 pF
5%
X7R
390 pF
5%
X7R
24
VCCD
1
F
10 V
X7R
CC1
CC2
DP0/P3.0
DM0/P3.1 16
17
VBUS
GND
DPLUS
DMINUS
10 m
 1%
22
19
GND
CSP
5
6
VBUS_C_MON_DIS 11
P0.0/SWD_DAT_0
8
12 V
Supply
VBUS_C_CTRL
4
Type-A
Receptacle
VBUS
DPLUS
DMINUS
VSEL
EN
DP1/P1.2
DM1/P1.3
VDDD
7
23
FB
9
1
DC/DC Regulator 2
2
P0.1/SWD_CLK_0
P1.1
GND
P2.1
10
COMP
21
P2.2
12
VBAT
VBAT
0.1
F
3.3 V/5 V
Regulator
2.7 V to 5.5 V
P2.3
13
Provider
FET
Pins 7 and 8 can also be
connected to the programming
header (not needed for final
production)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com