Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPV310 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPV310
Description  Vertical Cavity Surface Emitting Laser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV310 Datasheet(HTML) 1 Page - TT Electronics.

  OPV310 Datasheet HTML 1Page - TT Electronics. OPV310 Datasheet HTML 2Page - TT Electronics. OPV310 Datasheet HTML 3Page - TT Electronics. OPV310 Datasheet HTML 4Page - TT Electronics. OPV310 Datasheet HTML 5Page - TT Electronics. OPV310 Datasheet HTML 6Page - TT Electronics. OPV310 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vertical Cavity Surface
Emitting Laser
OPV300, OPV310, OPV310Y, OPV314,
OPV314Y
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Suite 130, Carrollton, TX 75006 |Ph: +1 972-323-2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OPV300 / OPV310 / OPV314 series are high performance 850nm Vertical Cavity Surface Emitting Laser
(VCSEL). The OPV300 and OPV310 are designed to be utilized for sensing applications as well as air
transmission of data. The OPV314 is designed for high speed communication links. The OPV310 / OPV314
combine all the performance advantages of a VCSEL with the addition of a power monitor diode for precise
control of optical power. The OPV310 and OPV314 have a back monitor photodiode used for optical power
management or optical reception for data communication applications.
The OPV300 / OPV310 have a flat lens while the OPV314 has a microbead lens. Refer to mechanical
drawings for details.
The high performance 850nm VCSEL is designed for applications where low current is required with high on-
axis optical power. These product’s combine features including high speed, high output optical power and
concentric beam making it an ideal transmitter for integration into all types of data communications
equipment as well as for reflective and transmissive switches.
Applications:
Fiber Channel
Gigabit Ethernet
ATM
VSR
Intra-System links
Optical backplane interconnects
Reflective sensing
Interruptive sensing
Long distance spot illumination
Features:
850nm VCSEL Technology
Data rates up to 2.5 Gbps
High thermal stability
Low drive current / high output density
Narrow and concentric beam angle
Recommended for multimode fiber applications
Burned in for communication level reliability
RoHS
Additional laser safety information can be found on
the Optek website. See application bulletin #221.
Classification is not marked on the device due to
space limitations. See package outline for center-
line of optical radiance. Operating devices beyond
maximum rating may result in hazardous radiation
exposure.


Similar Part No. - OPV310

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPV310 OPTEK-OPV310 Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV310 OPTEK-OPV310 Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV310 OPTEK-OPV310 Datasheet
345Kb / 4P
Vertical Cavity Surface Emitting Laser in TO-46 Package
September 2003 Issue 3.2
OPV310Y OPTEK-OPV310Y Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV310Y OPTEK-OPV310Y Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
More results

Similar Description - OPV310

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPV380 OPTEK-OPV380 Datasheet
215Kb / 2P
Vertical Cavity Surface Emitting Laser in Lateral Package
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
Vertical Cavity Surface Emitting Laser in Pill Package
Sep-2003
OPV222 OPTEK-OPV222 Datasheet
223Kb / 4P
Vertical Cavity Surface Emitting Laser in Pill Package
September 2003
OPV300 OPTEK-OPV300_14 Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV314AT OPTEK-OPV314AT Datasheet
284Kb / 4P
Vertical Cavity Surface Emitting Laser
OPV215 OPTEK-OPV215 Datasheet
244Kb / 4P
Vertical Cavity Surface Emitting Laser
logo
Wurth Elektronik GmbH &...
159353940B1300 WURTH-159353940B1300 Datasheet
1Mb / 9P
WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353940A6300 WURTH-159353940A6300 Datasheet
1Mb / 9P
WL-VCSL Vertical Cavity surface emitting Laser
001.000
159353850A6300 WURTH-159353850A6300 Datasheet
1Mb / 10P
WL-VCSL Vertical Cavity surface emitting Laser
001.001
159353850B1300 WURTH-159353850B1300 Datasheet
1Mb / 10P
WL-VCSL Vertical Cavity surface emitting Laser
001.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com