Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPV310 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPV310
Description  Vertical Cavity Surface Emitting Laser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPV310 Datasheet(HTML) 2 Page - TT Electronics.

  OPV310 Datasheet HTML 1Page - TT Electronics. OPV310 Datasheet HTML 2Page - TT Electronics. OPV310 Datasheet HTML 3Page - TT Electronics. OPV310 Datasheet HTML 4Page - TT Electronics. OPV310 Datasheet HTML 5Page - TT Electronics. OPV310 Datasheet HTML 6Page - TT Electronics. OPV310 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Vertical Cavity Surface
Emitting Laser
OPV300, OPV310, OPV310Y, OPV314,
OPV314Y
© TT electronics plc
Issue A
11/2016
Page 2
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Suite 130, Carrollton, TX 75006 |Ph: +1 972-323-2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Operating Temperature Range
0°C to +70°C
Storage Temperature Range
-40°C to +100°C
Maximum Forward Peak Current, continuous
12 mA
Maximum Reverse Voltage
5 V
Max. Continuous Optical Power at 70° C
1.1 mW
Lead Soldering Temperature
260°C for 10 sec.
Maximum Forward Current, pulsed (1 µs P.W., 10% D.C.)
48 mA
Electrical Specifications
Notes:
(1)
Threshold Current is based on the two line intersection method specified in Telcordia GR-468-
Core. Line 1 from 4 mA to 6 mA. Line 2 from 0 mA to 0.5 mA.
(2)
Series Resistance is the slope of the Voltage-Current line from 5 to 8 mA.
(3)
Slope efficiency is the slope of the best fit LI line from 5 mA to 8 mA using no larger than .25 mA
test interval points.
(4)
Using data points taken for slope efficiency above, delta L/delta I shall be calculated for each
adjacent pair of points.
Additional laser safety information can be found on
the Optek website. See application bulletin #221.
Classification is not marked on the device due to
space limitations. See package outline for center-
line of optical radiance. Operating devices beyond
maximum rating may result in hazardous radiation
exposure.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com