Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5802 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL5802
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL5802 Datasheet HTML 1Page - Diodes Incorporated AL5802 Datasheet HTML 2Page - Diodes Incorporated AL5802 Datasheet HTML 3Page - Diodes Incorporated AL5802 Datasheet HTML 4Page - Diodes Incorporated AL5802 Datasheet HTML 5Page - Diodes Incorporated AL5802 Datasheet HTML 6Page - Diodes Incorporated AL5802 Datasheet HTML 7Page - Diodes Incorporated AL5802 Datasheet HTML 8Page - Diodes Incorporated AL5802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AL5802
Document number: DS35516 Rev. 9 - 2
2 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL5802
Pin Descriptions
Pin Number
Name
Function
1
OUT
Open-collector LED driver output
2
BIAS
Biases the open collector output transistor
3
EN
Enable pin for PWM dimming. Provides access to the base of Q2 and collector of Q1
4
GND
Ground reference point for setting LED current
5
FB
Feedback pin.
Should be connected to pin 6.
6
REXT
Current sense pin. LED current sensing resistor should be connected from here to GND.
Functional Block Diagram
Fig. 1 Block Diagram
Absolute Maximum Ratings
Symbol
Characteristics
Values
Unit
VOUT
Output voltage relative to GND
30
V
VBIAS
BIAS voltage relative to GND (Note 4)
30
V
VFB
LED voltage relative to GND
6
V
VEN
EN voltage relative to GND
6
V
VREXT
REXT voltage relative to GND
6
V
IOUT
Output current
150
mA
TJ
Operating junction temperature
-40 to +150
°C
TST
Storage temperature
-55 to +150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Note:
4. With pins 5 and 6 connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com