Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL5802 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AL5802
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 Datasheet(HTML) 3 Page - Diodes Incorporated

  AL5802 Datasheet HTML 1Page - Diodes Incorporated AL5802 Datasheet HTML 2Page - Diodes Incorporated AL5802 Datasheet HTML 3Page - Diodes Incorporated AL5802 Datasheet HTML 4Page - Diodes Incorporated AL5802 Datasheet HTML 5Page - Diodes Incorporated AL5802 Datasheet HTML 6Page - Diodes Incorporated AL5802 Datasheet HTML 7Page - Diodes Incorporated AL5802 Datasheet HTML 8Page - Diodes Incorporated AL5802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AL5802
Document number: DS35516 Rev. 9 - 2
3 of 11
www.diodes.com
March 2014
© Diodes Incorporated
AL5802
Package Thermal Data
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5) @ TA = +25°C
Power Dissipation (Note 6) @ TA = +25°C
Power Dissipation (Note 7) @ TA = +25°C
PD
0.37
0.87
1
W
Thermal Resistance, Junction to Ambient Air (Note 5) @ TA = +25°C
Thermal Resistance, Junction to Ambient Air (Note 6) @ TA = +25°C
Thermal Resistance, Junction to Ambient Air (Note 7) @ TA = +25°C
RθJA
335
143
120
°C/W
Notes:
5. Device mounted on FR-4 PCB, 2oz with minimum recommended pad layout.
6. Device mounted on 25mm x 25mm 2oz copper board.
7. Device mounted on 50mm x 50mm 2oz copper board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VBIAS
Supply voltage range
4.5
30
V
VOUT
OUT voltage range
0.8
30
ILED
LED pin current (Note 8)
10
120
mA
TA
Operating ambient temperature range
-40
+125
°C
Note:
8. Subject to ambient temperature, power dissipation and PCB.
Electrical Characteristics – NPN Transistor – Q1 (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Test Condition
Min
Typ
Max
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage (Note 9)
IC = 1.0mA, IB = 0
40
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
6.0
V
ICEX
Collector Cutoff Current
VCE = 30V, VEB(OFF) = 3.0V
50
nA
IBL
Base Cutoff Current
VCE = 30V, VEB(OFF) = 3.0V
50
nA
hFE
DC Current Gain
IC = 100µA, VCE = 1.0V
IC = 1.0mA, VCE = 1.0V
IC = 10mA, VCE = 1.0V
40
70
100
300
VCE(SAT)
Collector-Emitter Saturation Voltage (Note 9)
IC = 10mA, IB = 1.0mA
0.20
V
VBE(SAT)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1.0mA
0.65
0.85
V
Electrical Characteristics – NPN Pre-biased Transistor – Q2 (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristic
Test Condition
Min
Typ
Max
Unit
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 50μA, IE = 0
30
V
V(BR)CEO
Collector-Emitter Breakdown Voltage (Note 9)
IC = 1mA, IB = 0
30
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 50μA, IC = 0
5.0
V
ICBO
Collector Cut-Off Current
VCB = 30V, IE = 0
0.5
µA
IEBO
Emitter Cut-Off Current
VEB = 4V, IC = 0
0.5
µA
VCE(SAT)
Collector-Emitter Saturation Voltage (Note 9)
IC = 10mA, IB = 1mA
0.3
V
hFE
DC Current Gain (Note 9)
VCE = 5V, IC = 150mA
100
R1
Input Resistance
7
10
13
kΩ
*Characteristics of transistor only.
Note:
9. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com