Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43340 Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 77Page - Cypress Semiconductor CYW43340 Datasheet HTML 78Page - Cypress Semiconductor CYW43340 Datasheet HTML 79Page - Cypress Semiconductor CYW43340 Datasheet HTML 80Page - Cypress Semiconductor CYW43340 Datasheet HTML 81Page - Cypress Semiconductor CYW43340 Datasheet HTML 82Page - Cypress Semiconductor CYW43340 Datasheet HTML 83Page - Cypress Semiconductor CYW43340 Datasheet HTML 84Page - Cypress Semiconductor CYW43340 Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 81 of 96
PRELIMINARY
CYW43340
16.6 LNLDO
Table 40. LNLDO Specifications
Specification
Notes
Min
Typ
Max
Units
Input supply voltage, Vin
Min = 1.2Vo + 0.1V = 1.3V.
Dropout voltage requirement must be met under
maximum load.
1.3
1.35
1.5
V
Output current
–
0.1
–
104
mA
Output voltage, Vo
Programmable in 25 mV steps.
Default = 1.2V
1.1
1.2
1.275
V
Dropout voltage
At maximum load
–
–
100
mV
Output voltage DC
accuracya
a.Load from 0.1 to 104 mA.
includes line/load regulation, load from 0.1 to
150 mA
–4
–
+4
%
Quiescent current
No load
–
44
–
µA
Line regulation
Vin from (Vo + 0.1V) to 1.5V, max load
–
–
7
mV/V
Load regulation
Load from 1 mA to 104 mA
–
15
25
µV/mA
Leakage current
Power-down
–
–
10
µA
Output noise
@30 kHz, 60 mA load, Co = 1 µF
@100 kHz, 60 mA load, Co = 1 µF
–
–
60
35
nV/root-Hz
nV/root-Hz
PSRR
@ 1kHz, input > 1.3V, Co= 1 µF,
Vo = 1.2V
20
–
–
dB
Start-up time of PMU
VIO up and steady. Time from the REG_ON rising
edge to the LNLDO reaching 1.2V. Includes 256
µs vddc_ok_o delay.
–
–
1106
µs
LDO turn-on time
Chip already powered up.
–
–
180
µs
In-rush current during turn-on
From its output capacitor in a fully-discharged
state
––
150
mA
External output capacitor,
Cob
b.Refer to PCB Layout Guidelines and Component Selection for Optimized PMU Performance (4334-AN200-R) for component selection details.
Total ESR (trace/capacitor): 30–200 mΩ
0.67c
c.The minimum value refers to the residual capacitor value after taking into account the part-to-part tolerance, DC-bias, temperature, and aging.
1
–
µF
External input capacitor
Only use an external input capacitor at the
VDD_LDO pin if it is not supplied from the CBUCK
output.
Total ESR (trace/capacitor): 30–200 mΩ
–1
–
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com