Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW43340 Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 78Page - Cypress Semiconductor CYW43340 Datasheet HTML 79Page - Cypress Semiconductor CYW43340 Datasheet HTML 80Page - Cypress Semiconductor CYW43340 Datasheet HTML 81Page - Cypress Semiconductor CYW43340 Datasheet HTML 82Page - Cypress Semiconductor CYW43340 Datasheet HTML 83Page - Cypress Semiconductor CYW43340 Datasheet HTML 84Page - Cypress Semiconductor CYW43340 Datasheet HTML 85Page - Cypress Semiconductor CYW43340 Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 82 of 96
PRELIMINARY
CYW43340
17. System Power Consumption
Note: Values in this data sheet are design goals and are subject to change based on the results of device
characterization.
■ Unless otherwise stated, these values apply for the conditions specified in Table 24: “Recommended Operating Conditions and DC
Characteristics,” on page 58.
17.1 WLAN Current Consumption
The WLAN current consumption measurements are shown in Table 41.
All values in Table 41 are with the Bluetooth core in reset (that is, Bluetooth is off).
Table 41. Typical WLAN Power Consumption
Mode
Bandwidth
(MHz)
Band
(GHz)
VBAT = 3.6V, VDDIO = 1.8V, TA 25°C
VBAT (mA)
Vioa (µA)
a.Vio is specified with all pins idle and not driving any loads.
Sleep Modes
Leakage (OFF)
–
–
0.004
220
SLEEPb
b.Idle between beacons.
––0.005
220
IEEE Power Save, DTIM 1c
c.Beacon interval = 100 ms; beacon duration = 1.9 ms @ 1Mbps (Integrated Sleep + wakeup + beacon)
––1.06
220
IEEE Power Save DTIM 3d
d.Beacon interval = 300 ms; beacon duration = 1.9 ms @ 1Mbps (Integrated Sleep + wakeup + beacon)
––0.321
220
Active Modes
RX (Listen)e, f
e.Carrier sense (CCA) when no carrier present.
f.Carrier sense (CS) detect/packet RX.
–
–
44.4
200
RX (Active)f, g, h
g.Applicable to all supported rates.
h.Duty Cycle = 100%
–
–
57.7
200
TX CCK, 11 Mbps (20.5 dBm @ chip)h, i, j
i.TX output power is measured at the chip-out side.
j.The items of active modes are measured under the real association/throughput with the wireless AP.
HT20
2.4
325
200
TX, MCS7 (17.5 dBm @ chip)h, i, j
HT20
2.4
254
200
TX, MCS7 (17.5 dBm @ chip)h, i, j
HT40
2.4
270
200
TX OFDM, 54 Mbps (18 dBm @ chip)h, i, j
HT20
2.4
263
200
TX, MCS7 (15 dBm @ chip)h, i, j
HT20
5
261
200
TX, MCS7 (15 dBm @ chip)h, i, j
HT40
5
283
200
TX OFDM, 54 Mbps (16 dBm @ chip)h, i, j
HT20
5
271
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com