Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A136 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB39A136
Description  2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39A136 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB39A136 Datasheet HTML 35Page - Cypress Semiconductor MB39A136 Datasheet HTML 36Page - Cypress Semiconductor MB39A136 Datasheet HTML 37Page - Cypress Semiconductor MB39A136 Datasheet HTML 38Page - Cypress Semiconductor MB39A136 Datasheet HTML 39Page - Cypress Semiconductor MB39A136 Datasheet HTML 40Page - Cypress Semiconductor MB39A136 Datasheet HTML 41Page - Cypress Semiconductor MB39A136 Datasheet HTML 42Page - Cypress Semiconductor MB39A136 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
MB39A136
Document Number: 002-08376 Rev. *A
Page 39 of 50
Power dissipation and the thermal design
As for this IC, considerations of the power dissipation and thermal design are not necessary in most cases because of its high
efficiency. However, they are necessary for the use at the conditions of a high power supply voltage, a high oscillation frequency, high
load, and the high temperature.
Calculate IC internal loss (PIC) by the following formula.
PIC VCC × (ICC Qg × fOSC)
Calculate junction temperature (Tj) by the following formula.
Tj
Ta ja × PIC
Handling of the pins when using a single channel
Although this device is a 2-channel DC/DC converter control IC, it is also able to be used as a 1-channel DC/DC converter by handling
the pins of the unused channel as shown in the following diagram.
PIC
: IC internal loss [W]
VCC
: Power supply voltage (VIN) [V]
ICC
: Power supply current [A] (4.7 [mA] Max)
Qg
: All SWFET total quantity of charge for ch 2 [C] (Total with Vgs
5 V)
fOSC
: Oscillation frequency[Hz]
Tj
: Junction temperature [°C] (+150 [°C] Max)
Ta
: Ambient temperature [°C]
ja
: TSSOP-24 Package thermal resistance (76°C/W)
PIC
: IC internal loss [W]
FBx
CBx
CSx
LXx
ILIMx
CTLx
DRVHx
COMPx
DRVLx
Note: x is the unused channel number.
“Open”
“
Open”
“
Open”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com