Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A136 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39A136
Description  2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39A136 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39A136 Datasheet HTML 17Page - Cypress Semiconductor MB39A136 Datasheet HTML 18Page - Cypress Semiconductor MB39A136 Datasheet HTML 19Page - Cypress Semiconductor MB39A136 Datasheet HTML 20Page - Cypress Semiconductor MB39A136 Datasheet HTML 21Page - Cypress Semiconductor MB39A136 Datasheet HTML 22Page - Cypress Semiconductor MB39A136 Datasheet HTML 23Page - Cypress Semiconductor MB39A136 Datasheet HTML 24Page - Cypress Semiconductor MB39A136 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MB39A136
Document Number: 002-08376 Rev. *A
Page 21 of 50
11. Example Application Circuit
VCC
VIN
(4.5 V to 25 V)
MODE
VREF
R21
C13
3
20
FB1
4
COMP1
2
CS1
A
6
13
C7
R23
C9
R8-1
R8-2
R9
MB39A136
<CH1>
5
ILIM1
R11
R12
11
10
12
CS2
COMP2
FB2
<CH2>
9
ILIM2
C8
C11
R25
R14-1
R14-2
R15
R17
R18
718
GND
VREF
C15
1
15
16
14
17
CB2
DRVH2
DRVL2
LX2
VO2
CTL1
CTL2
8
D2
Q2
L2
Q2
C4-1
C4-2
C4-3
C3-1
C3-2
C6
B
23
22
24
21
CB1
DRVH1
DRVL1
LX1
19
VB
VO1
A
D2
Q1
L1
Q1
C2-1
C2-2
C2-3
C1
C5
C14
RT
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com