Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF4012AT-2R2M Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # VLF4012AT-2R2M
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

VLF4012AT-2R2M Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button VLF4012AT-2R2M Datasheet HTML 16Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 17Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 18Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 19Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 20Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 21Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 22Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 23Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 20 of 32
MB39C014
2.40
2.0
3.0
4.0
5.0
6.0
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
IOUT
= 0 A
IOUT
= 100 mA
2.40
2.0
3.0
4.0
5.0
6.0
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
IOUT
= 0 A
IOUT
= 100 mA
0
200
400
600
800
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
0
200
400
600
800
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
Input voltage VIN (V)
Input voltage VIN (V)
Load current IOUT (mA)
Load current IOUT (mA)
Output voltage vs. Input voltage
(2.0 MHz)
Output voltage vs. Input voltage
(3.2 MHz)
Output voltage vs. Load current
(2.0 MHz)
Output voltage vs. Load current
(3.2 MHz)
Ta
= +25°C
VOUT
= 2.5 V setting
FSEL
= L
Ta
= +25°C
VOUT
= 2.5 V setting
FSEL
= H
Ta
= +25°C
VIN
= 3.7 V
VOUT
= 2.5 V setting
FSEL
= L
Ta
= +25°C
VIN
= 3.7 V
VOUT
= 2.5 V setting
FSEL
= H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com