Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF4012AT-2R2M Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # VLF4012AT-2R2M
Description  1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

VLF4012AT-2R2M Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button VLF4012AT-2R2M Datasheet HTML 17Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 18Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 19Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 20Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 21Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 22Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 23Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 24Page - Cypress Semiconductor VLF4012AT-2R2M Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Document Number: 002-08361 Rev. *C
Page 21 of 32
MB39C014
1.1
234
56
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
Ta
= +25 °C
VOUT
= 2.5 V
VIN
= 3.7 V
VOUT
= 2.5 V
1.1
1.12
1.14
1.16
1.18
1.2
1.22
1.24
1.26
1.28
1.3
−50
0
+50
+100
0
2.0
3.0
4.0
5.0
6.0
1
2
3
4
5
6
7
8
9
10
Ta
= +25 °C
VOUT
= 2.5 V
0
−50
0
+50
+100
1
2
3
4
5
6
7
8
9
10
VIN
= 3.7 V
VOUT
= 2.5 V
Reference voltage vs. Input voltage
Input current vs. Operating ambient
temperature
Input current vs. Input voltage
Reference voltage vs. Operating
ambient temperature
Input voltage VIN (V)
Operating ambient temperature Ta (°C)
Input voltage VIN (V)
Operating ambient temperature Ta (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com