Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 9Page - Cypress Semiconductor PSOC4100 Datasheet HTML 10Page - Cypress Semiconductor PSOC4100 Datasheet HTML 11Page - Cypress Semiconductor PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 13 of 37
Device-Level Specifications
All specifications are valid for –40 °C
≤ TA ≤ 85 °C for A grade devices and -40 °C ≤ TA ≤ 105 °C for S grade devices, except where
noted. Specifications are valid for 1.71 V to 5.5 V, except where noted.
Table 3. DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID53
VDD
Power supply input voltage
(VDDA = VDDD = VDD)
1.8
–
5.5
V
With regulator enabled
SID255
VDDD
Power supply input voltage unregulated 1.71
1.8
1.89
V
Internally unregulated
Supply
SID54
VCCD
Output voltage (for core logic)
–
1.8
–
V
SID55
CEFC
External regulator voltage bypass
1
1.3
1.6
µF
X5R ceramic or better
SID56
CEXC
Power supply decoupling capacitor
–
1
–
µF
X5R ceramic or better
Active Mode, VDD = 1.71 V to 5.5 V. Typical Values measured at VDD = 3.3 V.
SID9
IDD4
Execute from Flash;
CPU at 6 MHz
––
2.8
mA
SID10
IDD5
Execute from Flash;
CPU at 6 MHz
–
2.2
–
mA T = 25 °C
SID12
IDD7
Execute from Flash;
CPU at 12 MHz
––
4.2
mA
SID13
IDD8
Execute from Flash;
CPU at 12 MHz
–
3.7
–
mA T = 25 °C
SID16
IDD11
Execute from Flash;
CPU at 24 MHz
–
6.7
–
mA T = 25 °C
SID17
IDD12
Execute from Flash;
CPU at 24 MHz
––
7.2
mA
Sleep Mode, VDD = 1.7 V to 5.5 V
SID25
IDD20
I2C wakeup, WDT,
and Comparators on. 6 MHz.
–1.3
1.8
mA VDD = 1.71 V to 5.5 V
SID25A
IDD20A
I2C wakeup, WDT,
and Comparators on. 12 MHz.
–1.7
2.2
mA VDD = 1.71 V to 5.5 V
Deep Sleep Mode, VDD = 1.8 V to 3.6 V (Regulator on)
SID31
IDD26
I2C wakeup and WDT on.
–
1.3
–
µA
T = 25 °C
SID32
IDD27
I2C wakeup and WDT on.
–
–
45
µA
T = 85 °C
Deep Sleep Mode, VDD = 3.6 V to 5.5 V
SID34
IDD29
I2C wakeup and WDT on
–
1.5
15
µA
Typ. at 25 °C
Max at 85 °C
Deep Sleep Mode, VDD = 1.71 V to 1.89 V (Regulator bypassed)
SID37
IDD32
I2C wakeup and WDT on.
–
1.7
–
µA
T = 25 °C
SID38
IDD33
I2C wakeup and WDT on
–
–
60
µA
T = 85 °C
Deep Sleep Mode, +105 °C
SID33Q
IDD28Q
I2C wakeup and WDT on. Regulator Off.
–
–
135
µA
VDD = 1.71 V to 1.89 V
SID34Q
IDD29Q
I2C wakeup and WDT on.
–
–
180
µA
VDD = 1.8 V to 3.6 V
SID35Q
IDD30Q
I2C wakeup and WDT on.
–
–
140
µA
VDD = 3.6 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com