Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOC4100 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor PSOC4100 Datasheet HTML 19Page - Cypress Semiconductor PSOC4100 Datasheet HTML 20Page - Cypress Semiconductor PSOC4100 Datasheet HTML 21Page - Cypress Semiconductor PSOC4100 Datasheet HTML 22Page - Cypress Semiconductor PSOC4100 Datasheet HTML 23Page - Cypress Semiconductor PSOC4100 Datasheet HTML 24Page - Cypress Semiconductor PSOC4100 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 21 of 37
CSD
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripherals in the Timer mode.
Timer/Counter/PWM
Table 14. CSD Block Specification
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
CSD Specification
SID308
VCSD
Voltage range of operation
1.71
–
5.5
V
SID309
IDAC1
DNL for 8-bit resolution
–1
–
1
LSB
SID310
IDAC1
INL for 8-bit resolution
–3
–
3
LSB
SID311
IDAC2
DNL for 7-bit resolution
–1
–
1
LSB
SID312
IDAC2
INL for 7-bit resolution
–3
–
3
LSB
SID313
SNR
Ratio of counts of finger to noise. Guaranteed
by characterization
5
–
–
Ratio Capacitance range of 9 to
35 pF, 0.1 pF sensitivity
SID314
IDAC1_CRT1
Output current of Idac1 (8-bits) in High range
–
612
–
µA
SID314A IDAC1_CRT2
Output current of Idac1(8-bits) in Low range
–
306
–
µA
SID315
IDAC2_CRT1
Output current of Idac2 (7-bits) in High range
–
304.8
–
µA
SID315A IDAC2_CRT2
Output current of Idac2 (7-bits) in Low range
–
152.4
–
µA
Table 15. TCPWM Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.TCPWM.1
ITCPWM1
Block current consumption at 3 MHz
–
–
45
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.2
ITCPWM2
Block current consumption at 12 MHz
–
–
155
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.2A ITCPWM3
Block current consumption at 48 MHz
–
–
650
µA
All modes
(Timer/Counter/PWM)
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
–
Fc
MHz Fc max = Fcpu.
Maximum = 24 MHz
SID.TCPWM.4
TPWMENEXT Input Trigger Pulse Width for all
Trigger Events
2/Fc
–
–
ns
Trigger Events can be Stop,
Start, Reload, Count,
Capture, or Kill depending
on which mode of operation
is selected.
SID.TCPWM.5
TPWMEXT
Output Trigger Pulse widths
2/Fc
–
–
ns
Minimum possible width of
Overflow, Underflow, and
CC (Counter equals
Compare value) trigger
outputs
SID.TCPWM.5A TCRES
Resolution of Counter
1/Fc
–
–
ns
Minimum time between
successive counts
SID.TCPWM.5B PWMRES
PWM Resolution
1/Fc
–
–
ns
Minimum pulse width of
PWM Output
SID.TCPWM.5C QRES
Quadrature inputs resolution
1/Fc
–
–
ns
Minimum pulse width
between Quadrature phase
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com