Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48C06 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT48C06
Description  Cost-Effective I/O Type 8-Bit MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C06 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT48C06 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C06 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
HT48R05A-1/HT48C05/HT48R06A-1/HT48C06
Rev. 1.10
15
June 9, 2004
[m].i
², ²CPL [m]², ²CPLA [m]² read the entire port states
into the CPU, execute the defined operations
(bit-operation), and then write the results back to the
latches or the accumulator.
Each line of port A has the capability of waking-up the
device. The highest 6-bit of port C and 5 bits of port B
are not physically implemented; on reading them a
²0² is
returned whereas writing then results in a no-operation.
See Application note.
There is a pull-high option available for all I/O lines.
Once the pull-high option is selected, all I/O lines have
pull-high resistors. Otherwise, the pull-high resistors are
absent. It should be noted that a non-pull-high I/O line
operating in input mode will cause a floating state.
The PB0 and PB1 are pin-shared with BZ and BZ signal,
respectively. If the BZ/BZ option is selected, the output
signal in output mode of PB0/PB1 will be the PFD signal
generated by timer/event counter overflow signal. The
input mode always remaining its original functions.
Once the BZ/BZ option is selected, the buzzer output
signals are controlled by PB0 data register only. The I/O
functions of PB0/PB1 are shown below.
PB0 I/O
I
I
I
I
O O O O O O
PB1 I/O
I
O O O
I
I
I O O O
PB0/PB1 Mode
x
C
B
B
C
B B C
B
B
PB0 Data
x
x
0
1
D
0 1 D0 01
PB1 Data
x
D
x
x
x
x
x D1 xx
PB0 Pad Status
I
I
I
I
D
0 B D0 0B
PB1 Pad Status
I
D
0
B
I
I
I D1 0B
Note:
I: input; O: output; D, D0,D1: data;
B: buzzer option, BZ or BZ; x: don't care
C: CMOS output
The PC0 and PC1 are pin-shared with INT, TMR and
pins respectively.
It is recommended that unused or not bonded out I/O
lines should be set as output pins by software instruction
to avoid consuming power under input floating state.
Low Voltage Reset
- LVR
The microcontroller provides low voltage reset circuit in
order to monitor the supply voltage of the device. If the
supply voltage of the device is within the range
0.9V~VLVR, such as changing a battery, the LVR will au-
tomatically reset the device internally.
The LVR includes the following specifications:
· The low voltage (0.9V~V
LVR) has to remain in their
original state to exceed 1ms. If the low voltage state
does not exceed 1ms, the LVR will ignore it and do not
perform a reset function.
· The LVR uses the
²OR² function with the external
RES signal to perform chip reset.
The relationship between VDD and VLVR is shown below.
Note:
VOPR is the voltage range for proper chip opera-
tion at 4MHz system clock.
5 . 5 V
3 . 0 V
2 . 2 V
0 . 9 V
V D D
V O P R
V L V R
5 . 5 V
V D D
5 . 5 V
V L V R
0 . 9 V
0 V
R e s e t S i g n a l
R e s e t
* 1
* 2
N o r m a l O p e r a t i o n
R e s e t
L V R D e t e c t V o l t a g e
Low Voltage Reset
Note:
*1: To make sure that the system oscillator has stabilized, the SST provides an extra delay of
1024 system clock pulses before entering the normal operation.
*2: Since low voltage has to be maintained in its original state and exceed 1ms, therefore 1ms
delay enters the reset mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com