Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3391 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C3391
Description  BNC Male to BNC Male Right Angle Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3391 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
BNC Male
BNC Male Right Angle
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Gold
Silver
Contact Plating Specification
50µ in. minimum
Dielectric Type
Teflon
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C3391 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Right Angle Cable Using RG316 Coax PE3C3391
RF Cable Assemblies Technical Data Sheet
PE3C3391
BNC Male to BNC Male Right Angle Cable Using RG316 Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com