Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C3391 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C3391
Description  BNC Male to BNC Male Right Angle Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3391 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C3391 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3391 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: BNC Male
• Connector 2: BNC Male Right Angle
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.5:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Jacket Spark
2,000
Vrms
.
dB/m
dB/m
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.102 in [2.59 mm]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Male to BNC Male Right Angle Cable Using RG316 Coax PE3C3391
PE3C3391 REV 1.0
BNC Male to BNC Male Right Angle Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C3391


Similar Part No. - PE3C3391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3391-12 PASTERNACK-PE3C3391-12 Datasheet
363Kb / 4P
BNC Male to BNC Male Right Angle Cable 12 Inch Length Using RG316 Coax
PE3C3391-24 PASTERNACK-PE3C3391-24 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 24 Inch Length Using RG316 Coax
PE3C3391-36 PASTERNACK-PE3C3391-36 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 36 Inch Length Using RG316 Coax
PE3C3391-48 PASTERNACK-PE3C3391-48 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 48 Inch Length Using RG316 Coax
PE3C3391-60 PASTERNACK-PE3C3391-60 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 60 Inch Length Using RG316 Coax
More results

Similar Description - PE3C3391

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C3350 PASTERNACK-PE3C3350 Datasheet
370Kb / 4P
SMA Male Right Angle to BNC Male Cable Using RG316 Coax
PE3C3350LF PASTERNACK-PE3C3350LF Datasheet
366Kb / 4P
BNC Male to SMA Male Right Angle Cable Using RG316 Coax
PE3C3391-12 PASTERNACK-PE3C3391-12 Datasheet
363Kb / 4P
BNC Male to BNC Male Right Angle Cable 12 Inch Length Using RG316 Coax
PE3C3391-24 PASTERNACK-PE3C3391-24 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 24 Inch Length Using RG316 Coax
PE3C3391-36 PASTERNACK-PE3C3391-36 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 36 Inch Length Using RG316 Coax
PE3C3391-48 PASTERNACK-PE3C3391-48 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 48 Inch Length Using RG316 Coax
PE3C3391-60 PASTERNACK-PE3C3391-60 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 60 Inch Length Using RG316 Coax
PE3C3391-72 PASTERNACK-PE3C3391-72 Datasheet
364Kb / 4P
BNC Male to BNC Male Right Angle Cable 72 Inch Length Using RG316 Coax
PE3C3404 PASTERNACK-PE3C3404 Datasheet
363Kb / 4P
BNC Male to BNC Male Right Angle Cable Using RG174 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com