Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2648 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 15Page - National Semiconductor (TI) LM2648 Datasheet HTML 16Page - National Semiconductor (TI) LM2648 Datasheet HTML 17Page - National Semiconductor (TI) LM2648 Datasheet HTML 18Page - National Semiconductor (TI) LM2648 Datasheet HTML 19Page - National Semiconductor (TI) LM2648 Datasheet HTML 20Page - National Semiconductor (TI) LM2648 Datasheet HTML 21Page - National Semiconductor (TI) LM2648 Datasheet HTML 22Page - National Semiconductor (TI) LM2648 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Component Selection (Continued)
Zero1:
Zero2: (if R
fb2 >> Rc2)
PROCEDURE
The following procedure will create a 20dB/decade loop gain
roll-off. First set fz2 approximately one half decade above
fdp. Since this zero is set using one of the feedback resis-
tors, the output voltage may have to be re-adjusted using
Rfb1 after the compensation has been set. Also, the DC loop
gain will increase as Rfb2 decreases.
Next, set fz1 approximately one half decade below fdp.
Set fp2 to be equal to fzESR.
Finally, set fp3 to 150kHz (half the switching frequency).
Once the compensation has been set, the bandwidth can be
most easily varied by using Rc2 to shift fp2, or by using Cc2
to shift fp3.
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com