Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2648 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 13Page - National Semiconductor (TI) LM2648 Datasheet HTML 14Page - National Semiconductor (TI) LM2648 Datasheet HTML 15Page - National Semiconductor (TI) LM2648 Datasheet HTML 16Page - National Semiconductor (TI) LM2648 Datasheet HTML 17Page - National Semiconductor (TI) LM2648 Datasheet HTML 18Page - National Semiconductor (TI) LM2648 Datasheet HTML 19Page - National Semiconductor (TI) LM2648 Datasheet HTML 20Page - National Semiconductor (TI) LM2648 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Operation Descriptions (Continued)
Channel 3 Dual Phase Operation
Channel 3 consists of two 180˚ out of phase converters
operating in parallel to provide a single output voltage. In
high current demand applications, current sharing between
the two switching channels greatly reduces the stress and
heat on the output stage components while lowering input
ripple current. The sum of inductor ripple currents is also
reduced which results in lowered output ripple voltage.
When designing channel 3, simply design each switcher (3a
and 3b) to supply half of the load current. Accurate current
sensing is critical to ensure equal current sharing.
Since each switcher has separate current sense and limit
pins, channel 3 can also be operated in single phase mode.
This requires that either channel 3a or 3b remains unused.
To operate channel 3 as a single phase controller, make the
following pin connections to the unused channel. Connect
ILIM3x and KS3x to VIN, RSNS3x and SW3x to GND, leave
HDRV3x and LDRV3x open, and connect CBOOT3X to
VDD3X.
SWITCHING NOISE REDUCTION
Power MOSFETs are very fast switching devices. In syn-
chronous rectifier converters, the rapid increase of drain
current in the top FET coupled with parasitic inductance will
generate unwanted Ldi/dt noise spikes at the source node of
the FET (SWx node) and also at the VIN node. The magni-
tude of this noise will increase as the output current in-
creases. This parasitic spike noise may turn into electromag-
netic interference (EMI), and can also cause problems in
device performance. Therefore, it must be suppressed using
one of the following methods.
It is strongly recommended to add R-C filters to the current
sense amplifier inputs of channel 3 as shown in Figure 2.
This will reduce the susceptibility to switching noise, espe-
cially during heavy load transients and short on-time condi-
tions. The filter components should be connected as close
as possible to the IC.
As shown in Figure 3, adding a resistor in series with the
SWx pin will slow down the gate drive (HDRVx), thus slowing
the rise and fall time of the top FET, yielding a longer drain
current transition time.
Usually a 3.3
Ω to 4.7Ω resistor is sufficient to suppress the
noise. Top FET switching losses will increase with higher
resistance values.
Small resistors (1-5 ohms) can also be placed in series with
the HDRVx pin or the CBOOTx pin to effectively reduce
switch node ringing. A CBOOT resistor will slow the rise time
of the FET, whereas a resistor at HDRV will reduce both rise
and fall times.
OUTPUT VOLTAGE SETTING
The output voltage for each channel is set by the ratio of a
voltage divider as shown in Figure 4. The resistor values can
be determined by the following equation:
Although increasing the value of R1 and R2 will increase
efficiency, this will also decrease accuracy. In the case of
channels 1 and 2, increasing R2 will decrease loop gain,
resulting in degraded transient response. The output voltage
is limited by both maximum duty cycle and minimum on time.
It is recommended that the nominal output voltage does not
exceed 1V less than the minimum input voltage. In general,
the minimum possible output voltage is approximately 1.3V.
However, at maximum input voltage the minimum output will
be determined by the minimum on time (166ns typ.) and may
be as high as 1.35V for an input voltage of 18V.
For input voltages below 5.5V, VLIN5 should be connected
to VIN through a small resistor (approximately 4.7
Ω). This
will ensure that VLIN5 does not fall below the UVLO thresh-
old.
LAYOUT RECOMMENDATIONS
To ensure proper operation, a few key layout guidelines
should be followed.
The PGND and SGND pins and nodes should be connected
to isolated ground planes which connect at a single point.
This will help to keep the signal ground and thus the COMP
and FB pins isolated from switching noise.
All current sensing and limiting pins should be Kelvin con-
nected directly to the current sense points. This will help
ensure accurate current sensing and limiting.
All FB voltage dividers should be placed close to the device,
and the FB traces should be kept away from sources of
noise.
Input capacitors should be connected as close as possible to
the top of the current sense resistors.
Component Selection
INPUT CAPACITOR SELECTION
The fact that the switching channels of the LM2648 are 180˚
out of phase will reduce the RMS value of the ripple current
seen by the input capacitors. This will help extend input
capacitor life span and result in a more efficient system.
Input capacitors must be selected that can handle both the
maximum ripple RMS current at highest ambient tempera-
20059609
FIGURE 3. SW Series Resistor
20059611
FIGURE 4. Output Voltage Setting
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com