Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAR2425 Datasheet(PDF) 22 Page - Micronas

Part # HAR2425
Description  High-Precision Dual-Die Programmable Linear Hall-Effect Sensor Family
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAR2425 Datasheet(HTML) 22 Page - Micronas

Back Button HAR2425 Datasheet HTML 18Page - Micronas HAR2425 Datasheet HTML 19Page - Micronas HAR2425 Datasheet HTML 20Page - Micronas HAR2425 Datasheet HTML 21Page - Micronas HAR2425 Datasheet HTML 22Page - Micronas HAR2425 Datasheet HTML 23Page - Micronas HAR2425 Datasheet HTML 24Page - Micronas HAR2425 Datasheet HTML 25Page - Micronas HAR2425 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
HAR 24xy
DATA SHEET
22
July 14, 2015; DSH000170_001EN
Micronas
4.6. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this circuit.
All voltages listed are referenced to ground (GND1=GND2=GNDePad).
4.7. Storage and Shelf Life
Information related to storage conditions of Micronas sensors is included in the document “Guidelines for the
Assembly of Micronas Packages”. It gives recommendations linked to moisture sensitivity level and long-term stor-
age.
It is available on the Micronas website (http://www.micronas.com/en/service-center/downloads) or on the service
portal (http://service.micronas.com).
Symbol
Parameter
Pin
Min.
Max.
Unit
Condition
VSUP
Supply Voltage
VSUPx
8.5
18
10
18
V
V
t < 96 h4)
t < 1 h4)
VOUT
Output Voltage
OUTx
61)
18
V
t < 1 h4)
VOUT  VSUP
Excess of Output Voltage
over Supply Voltage
OUTx
VSUPx
7V
t < 1 h4)
TJ
Junction Temperature
under Bias
50
1902)
°C
4)
Vdie-to-die isolation
Dielectric Strength
between Both Dies
500
500
V
5)6)
VESD
ESD Protection for Single
Die
VSUP1
OUT1
GND1
8+8
kV
3)
VSUP2
OUT2
GND2
1) Internal protection resistor = 50
2) For 96h, please contact Micronas for other temperature requirements.
3) AEC-Q-100-002 (100 pF and 1.5 k
)
4) No cumulated stress
5) GNDs galvanic isolation not tested
6) Characterized on small sample size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com