Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBO-1 Datasheet(PDF) 4 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 4 Page - CUI INC

  PBO-1 Datasheet HTML 1Page - CUI INC PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
cui.com
date 12/08/2017
│ page 4 of 10
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
Load vs. Ambient Temperature
(at 85~305 Vac / 70~430 Vdc Input Voltage)
Load vs. Input Voltage
(at 25°C Ambient Temperature)
Ambient Temperature (°C)
-40
60
80
100
40
85
Input Voltage
85
70
60
80
100
40
305 Vac
430 Vdc
DERATING CURVES
50
55
60
65
70
75
80
85
90
85
115180
230277
305
Input Voltage (Vac)
PBO-1-S5
PBO-1-S12
PBO-1-S24
EFFICIENCY CURVES
Efficiency vs. Input Voltage
(at full load)
30
35
40
45
50
55
60
65
70
10
25
40
50
65
75
90
100
Load Current (%)
75
80
PBO-1-S5
PBO-1-S12
PBO-1-S24
Efficiency vs. Load Current
(at 230 Vac)
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com