Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110T Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B110T
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110T Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B110T Datasheet HTML 35Page - Cypress Semiconductor MB9B110T Datasheet HTML 36Page - Cypress Semiconductor MB9B110T Datasheet HTML 37Page - Cypress Semiconductor MB9B110T Datasheet HTML 38Page - Cypress Semiconductor MB9B110T Datasheet HTML 39Page - Cypress Semiconductor MB9B110T Datasheet HTML 40Page - Cypress Semiconductor MB9B110T Datasheet HTML 41Page - Cypress Semiconductor MB9B110T Datasheet HTML 42Page - Cypress Semiconductor MB9B110T Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 133 page
background image
Document Number: 002-04683 Rev.*C
Page 38 of 132
MB9B110T Series
Module
Pin name
Function
Pin No
LQFP-176
LQFP-144
BGA-192
External
Bus
MAD00_0
External bus interface address bus
94
78
L11
MAD01_0
95
79
K13
MAD02_0
96
80
K12
MAD03_0
97
81
K14
MAD04_0
98
82
K11
MAD05_0
99
83
J13
MAD06_0
100
84
J12
MAD07_0
101
85
J11
MAD08_0
102
86
J10
MAD09_0
103
87
J9
MAD10_0
104
88
H10
MAD11_0
105
89
H9
MAD12_0
118
94
F10
MAD13_0
119
95
F11
MAD14_0
120
96
F12
MAD15_0
121
97
F13
MAD16_0
122
98
E10
MAD17_0
123
99
E11
MAD18_0
127
103
D13
MAD19_0
139
-
C11
MAD20_0
140
-
D11
MAD21_0
141
-
B10
MAD22_0
142
-
C10
MAD23_0
143
-
D10
MAD24_0
144
-
B9
MCSX0_0
External bus interface chip select output pin
23
23
G5
MCSX1_0
24
24
G6
MCSX2_0
34
26
J3
MCSX3_0
35
27
J2
MCSX4_0
93
77
L12
MCSX5_0
92
76
L13
MCSX6_0
91
75
M12
MCSX7_0
90
74
M13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com