Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B110T Datasheet(PDF) 81 Page - Cypress Semiconductor

Part # MB9B110T
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B110T Datasheet(HTML) 81 Page - Cypress Semiconductor

Back Button MB9B110T Datasheet HTML 77Page - Cypress Semiconductor MB9B110T Datasheet HTML 78Page - Cypress Semiconductor MB9B110T Datasheet HTML 79Page - Cypress Semiconductor MB9B110T Datasheet HTML 80Page - Cypress Semiconductor MB9B110T Datasheet HTML 81Page - Cypress Semiconductor MB9B110T Datasheet HTML 82Page - Cypress Semiconductor MB9B110T Datasheet HTML 83Page - Cypress Semiconductor MB9B110T Datasheet HTML 84Page - Cypress Semiconductor MB9B110T Datasheet HTML 85Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 133 page
background image
Document Number: 002-04683 Rev.*C
Page 80 of 132
MB9B110T Series
12.
Electrical Characteristics
12.1
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
*1, *2
Vcc
Vss - 0.5
Vss + 6.5
V
Analog power supply voltage
*1, *3
AVcc
Vss - 0.5
Vss + 6.5
V
Analog reference voltage
*1, *3
AVRH
Vss - 0.5
Vss + 6.5
V
Input voltage
*1
VI
Vss - 0.5
Vcc + 0.5
(
≤ 6.5 V)
V
Vss - 0.5
Vss + 6.5
V
5 V tolerant
Analog pin input voltage
*1
VIA
Vss - 0.5
AVcc + 0.5
(
≤ 6.5 V)
V
Output voltage
*1
VO
Vss - 0.5
Vcc + 0.5
(
≤ 6.5 V)
V
Clamp maximum current
ICLAMP
-2
+2
mA
*7
Clamp total maximum current
Σ[I
CLAMP]
+20
mA
*7
"L" level maximum output current
*4
IOL
-
10
mA
4 mA type
20
mA
8 mA type
20
mA
12 mA type
39
mA
P80,P81,P82,P83
"L" level average output current
*5
IOLAV
-
4
mA
4 mA type
8
mA
8 mA type
12
mA
12 mA type
18.5
mA
P80,P81,P82,P83
"L" level total maximum output current
∑I
OL
-
100
mA
"L" level total average output current
*6
∑I
OLAV
-
50
mA
"H" level maximum output current
*4
IOH
-
- 10
mA
4 mA type
- 20
mA
8 mA type
- 20
mA
12 mA type
- 39
mA
P80,P81,P82,P83
"H" level average output current
*5
IOHAV
-
- 4
mA
4 mA type
- 8
mA
8 mA type
- 12
mA
12 mA type
- 20.5
mA
P80,P81,P82,P83
"H" level total maximum output current
∑I
OH
-
- 100
mA
"H" level total average output current
*6
∑I
OHAV
-
- 50
mA
Power consumption
PD
-
1000
mW
Storage temperature
TSTG
- 55
+ 150
°C
*1: These parameters are based on the condition that Vss = AVss = 0.0 V.
*2: Vcc must not drop below Vss - 0.5 V.
*3: Ensure that the voltage does not to exceed Vcc + 0.5 V, for example, when the power is turned on.
*4: The maximum output current is the peak value for a single pin.
*5: The average output is the average current for a single pin over a period of 100 ms.
*6: The total average output current is the average current for all pins over a period of 100 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com