Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA201600A Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # TA201600A
Description  Phase Control SCR 1600 Amperes Average 2400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TA201600A Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  TA201600A_13 Datasheet HTML 1Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 2Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 3Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1600 Amperes Average
2400 Volts
Revision Date: 07/30/2013
TA20
1600A
Thermal Characteristics
Maximum Thermal Resistance, Double Sided Cooling
Max.
Units
Junction-to-Case
Case-to-Sink
RΘ(J-C)
RΘ(C-S)
0.015
0.007
°C/W
°C/W
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
TJ=125°C, VR = VRRM
100
mA
Repetitive Peak Forward Leakage Current
IDRM
TJ=125°C, VD = VDRM
100
mA
Peak On-State Voltage
VTM
IFM=3000A peak,
Duty Cycle < 0.1 %
1.75
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 15%IT(AV) to IT(AV)
0.89109
0.2148
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I = IT(AV) to ITSM
1.7405
0.1024
V
mΩ
VTM Coefficients, Low-level
TJ = 125°C, I = 15%IT(AV) to IT(AV)
VTM = A+ B Ln(I) +C(I) + D Sqrt(I)
A =
B =
C =
D =
1.1219
-0.10195
4.764E-05
0.02077
VTM Coefficients, High-level
TJ = 125°C, I = IT(AV) to ITSM
VTM = A+ B Ln(I) +C(I) + D Sqrt(I)
A =
B =
C =
D =
-3.7832
0.56271
3.607E-05
0.010389
Typical Turn-On Time
ton
IT = 1000A, VD = 1500 V
4
µ
s
Typical Turn-Off Time
tq
Tj = 125°C, IT = 250A,
diR/dt = 50A/µs Reapplied
dv/dt = 20 V/µs Linear to 80% VDRM
250
µ
s
Minimum Critical dv/dt – Exponential to VDRM
dv/dt
TJ = 125°C
300
V/µ
s
Gate Trigger Current
IGT
TJ = 25°C, VD = 12 V
200
mA
Gate Trigger Voltage
VGT
TJ = 25°C, VD = 12 V
4.5
V
Non-Triggering Gate Voltage
VGDM
TJ = 125°C, VD = VDRM
0.15
V
Peak Forward Gate Current
IGTM
4
A
Peak Reverse Gate Voltage
VGRM
5
V
POWEREX, Inc. 173 Pavilion Ln Youngwood, PA USA 724-925-7272 www.pwrx.com
4.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com