Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA201600A Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # TA201600A
Description  Phase Control SCR 1600 Amperes Average 2400 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TA201600A Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  TA201600A_13 Datasheet HTML 1Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 2Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 3Page - Powerex Power Semiconductors TA201600A_13 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1600 Amperes Average
2400 Volts
Revision Date: 07/30/2013
TA20
1600A
15°
30°
60°
90°
120°
180°
0
500
1000
1500
2000
2500
3000
0
200
400
600
800
1000
1200
1400
1600
1800
Average On-State Current - It(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
70
80
90
100
110
120
130
0
200
400
600
800
1000
1200
1400
1600
1800
Average On-State Current - It(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
270°
360°
0
500
1000
1500
2000
2500
3000
3500
4000
0
500
1000
1500
2000
2500
3000
Average On-State Current - It(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)
15°
30°
60°
90°
120°
180°
270°
360° (DC)
50
60
70
80
90
100
110
120
130
0
500
1000
1500
2000
2500
3000
Average On-State Current - It(av) - Amperes
Maximum Allowable Case Temperature
(Rectangular Waveform)
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.001
0.01
0.1
1
10
100
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
0
1
2
3
4
5
10
100
1000
10000
100000
Instantaneous On-State Current - Itm - Amperes
Maximum On-State Forward Voltage Drop
( Tj = 125 C )
POWEREX, Inc. 173 Pavilion Ln Youngwood, PA USA 724-925-7272 www.pwrx.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com