Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569RTWR Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 36Page - Texas Instruments LP5569RTWR Datasheet HTML 37Page - Texas Instruments LP5569RTWR Datasheet HTML 38Page - Texas Instruments LP5569RTWR Datasheet HTML 39Page - Texas Instruments LP5569RTWR Datasheet HTML 40Page - Texas Instruments LP5569RTWR Datasheet HTML 41Page - Texas Instruments LP5569RTWR Datasheet HTML 42Page - Texas Instruments LP5569RTWR Datasheet HTML 43Page - Texas Instruments LP5569RTWR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
40
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 14. LP5569_MAP Registers (continued)
ADDRESS
ACRONYM
REGISTER NAME
SECTION
81h
LED_FAULT1
LED [8] Fault Status
Go
82h
LED_FAULT2
LED [7:0] Fault Status
Go
83h
GENERAL_FAULT
CP Cap, UVLO and TSD Fault Status
Go
Table 15. Register Access-Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
8.6.1.1 CONFIG Register (Address = 0h) [reset = 0h]
CONFIG is shown in Figure 27 and described in Table 16.
Return to Summary Table.
Configuration Register
Figure 27. CONFIG Register
7
6
5
4
3
2
1
0
RESERVED
chip_en
RESERVED
R/W-0h
R/W-0h
R/W-0h
Table 16. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6
chip_en
R/W
0h
0 = LP5569 not enabled (default)
1 = LP5569 enabled
5–0
RESERVED
R/W
0h
Reserved
8.6.1.2 LED_ENGINE_CONTROL1 Register (Address = 1h) [reset = 0h]
LED_ENGINE_CONTROL1 is shown in Figure 28 and described in Table 17.
Return to Summary Table.
LED Engine Control Register 1
Execution states are defined in this register, and they are only applicable when the corresponding mode register
in LED_ENGINE_CONTROL2 is set to the run mode. Execution-state values may be written by the host in other
modes, but the engine disregards the write until the mode changes to run mode. The fields in this register define
how the program is executed out of SRAM:
HOLD: The engine does not execute any instructions, but the program counter holds its current value unless
overwritten by the host. This is the only state in which the PC can be written.
STEP: Executes a single instruction, increments the PC, and then changes to the hold state. If the instruction is a
ramp or wait, the engine waits for this instruction to complete before changing to the hold state.
FREE RUN: The engine begins instruction execution from the current value of the PC. The program counter is
reset to zero when its upper-limit value is reached at the top of SRAM memory.
EXECUTE ONCE: Executes a single instruction and then changes to the hold state. The PC remains unaffected
unless the instruction is a branch command, in which case it changes if the branch is taken. If the instruction is a
ramp or wait, it waits for this instruction to complete before changing to hold state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com