Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5569RTWR Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 37Page - Texas Instruments LP5569RTWR Datasheet HTML 38Page - Texas Instruments LP5569RTWR Datasheet HTML 39Page - Texas Instruments LP5569RTWR Datasheet HTML 40Page - Texas Instruments LP5569RTWR Datasheet HTML 41Page - Texas Instruments LP5569RTWR Datasheet HTML 42Page - Texas Instruments LP5569RTWR Datasheet HTML 43Page - Texas Instruments LP5569RTWR Datasheet HTML 44Page - Texas Instruments LP5569RTWR Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
41
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 28. LED_ENGINE_CONTROL1 Register
7
6
5
4
3
2
1
0
ch1_exec
ch2_exec
ch3_exec
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 17. LED_ENGINE_CONTROL1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–6
ch1_exec
R/W
0h
Engine 1 program execution control
00 = Hold: PC can be read or written only in this mode. (default)
01 = Step. Execute one instruction and return to hold mode.
10 = Free run. Start program from PC.
11 = Execute once. Execute one instruction but don't increment PC.
5–4
ch2_exec
R/W
0h
Engine 2 program execution control
00 = Hold: PC can be read or written only in this mode. (default)
01 = Step. Execute one instruction and return to hold mode.
10 = Free run. Start program from PC.
11 = Execute once. Execute one instruction but don't increment PC.
3–2
ch3_exec
R/W
0h
Engine 3 program execution control
00 = Hold: PC can be read or written only in this mode. (default)
01 = Step. Execute one instruction and return to hold mode.
10 = Free run. Start program from PC.
11 = Execute once. Execute one instruction but don't increment PC.
1–0
RESERVED
R/W
0h
8.6.1.3 LED_ENGINE_CONTROL2 Register (Address = 2h) [reset = 0h]
LED_ENGINE_CONTROL2 is shown in Figure 29 and described in Table 18.
Return to Summary Table.
LED Engine Control Register 2
Operation modes are defined in this register.
DISABLED: Engines each can be configured to be disabled independently. When disabled, the program counter
per ENGINEx_PC is set to 0 and the engine does not execute instructions.
LOAD PROGRAM: Writing to program memory is allowed only when the engine is in the load-program operation
mode and the engine-busy bit (register 3C) is not set. The host should check the engine-busy bit before writing to
program memory or allow at a least 1-ms delay after entering the load mode before memory write, to ensure
initialization. If any engine is set to the load-program mode, then the other engines should be set either to the
disabled or load-program mode, because they are inhibited from executing instructions while loading the SRAM.
The load-program mode also resets the program counter of the respective engine. The load-program mode can
only be entered from the disabled mode.
RUN PROGRAM: The run-program mode executes the instructions stored in the program memory. Execution
register (LED_ENGINE_CONTROL1) bits define how the program is executed (hold, step, free-run or execute
once).
HALT: Instruction execution aborts immediately and engine operation halts.
Figure 29. LED_ENGINE_CONTROL2 Register
7
6
5
4
3
2
1
0
ch1_mode
ch2_mode
ch3_mode
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 18. LED_ENGINE_CONTROL2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–6
ch1_mode
R/W
0h
Engine 1 operation mode
00 = Disabled (default)
01 = Load program to SRAM
10 = Run program
11 = Halt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com