Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F585ASH Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB91F585ASH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASH Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB91F585ASH Datasheet HTML 31Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 32Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 33Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 34Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 35Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 36Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 37Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 38Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 34 of 175
MB91580M/S Series
6.
Handling Devices
The latch-up prevention and pin processing are explained below.
 For latch-up prevention
If a voltage higher than VCC or a voltage lower than VSS is applied to an I/O pin, or if a voltage exceeding the ratings
is applied between VCC and VSS pins, a latch-up may occur in CMOS IC. If the latch-up occurs, the power supply
current increases excessively and device elements may be damaged by heat. Take care to prevent any voltage from
exceeding the maximum ratings in device application.
Also, the analog power supplies (AVCC0, AVCC1, AVRH0, AVRH1) and analog input must not exceed the digital
power supply (VCC5) when the power supply to the analog system is turned on or off.
In the correct power-on sequence, turn on the digital power supply voltage (VCC5) and analog power supply voltages
(AVCC0, AVCC1, AVRH0, AVRH1) simultaneously. Alternatively, turn on the digital power supply voltage (VCC5) first,
and then turn on the analog power supplies (AVCC0, AVCC1, AVRH0, AVRH1).
 Treatment of unused pins
If unused input pins are left open, they may cause a permanent damage to the device due to device malfunction or
latch-up. Connect a 2k
Ω or higher resistor to each of unused input pins for pull-up or pull-down processing.
Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the input state
and treated in the same way as for the input pins.
 Power supply pins
The device is designed to ensure that if the device contains multiple VCC or VSS pins, the pins that should be at the
same potential are interconnected to prevent latch-up or other malfunctions. Further, connect these pins to an external
power supply or ground to reduce unwanted radiation, prevent strobe signals from malfunctioning due to a raised
ground level, and fulfill the total output current standard, etc. As shown in following figure, all VSS power supply pins
must be treated in the similar way. If multiple VCC or VSS systems are connected, the device cannot operate correctly
even within the guaranteed operating range.
 Power Supply Input Pins
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
VSS
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com