Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F585ASH Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # MB91F585ASH
Description  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F585ASH Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB91F585ASH Datasheet HTML 33Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 34Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 35Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 36Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 37Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 38Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 39Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 40Page - Cypress Semiconductor MB91F585ASH Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 36 of 175
MB91580M/S Series
 Power-on sequence of A/D converter power supply analog inputs
Be sure to turn on the digital power supply (VCC5) first, and then turn on the A/D converter power supplies (AVCC0,
AVCC1, AVRH0, AVRH1, AVRL0, AVRL1) and analog inputs (AN0 to AN14, AN16 to AN23). Also, turn off the A/D
converter power supplies (AVCC0, AVCC1, AVRH0, AVRH1, AVRL0, AVRL1) and analog inputs (AN0 to AN14, AN16
to AN23) first, and then turn off the digital power supply (VCC5). When the AVRH0 and AVRH1 pin voltages are turned
on or off, they must not exceed AVCC0 and AVCC1. Even if a common analog input pin is used as an input port, its
input voltage must not exceed AVCC0 or AVCC1. (However, the analog power supply voltage and digital power supply
voltage can be turned on or off simultaneously.)
 Treatment of C pin
This device contains a voltage step-down circuit. A capacitor must always be connected to the C pin to assure the
internal stabilization of the device. For the standard values, see the "Recommended Operating Conditions" of the
latest data sheet.
 Function Switching of a Multiplexed Port
To switch between the port function and the multiplexed pin function, use the PFR (port function register). For details,
see "I/O PORTS" in Hardware Manual.
 Low-power Consumption Mode
To set Sleep mode / Watch mode / Stop mode, or Watch mode (power-off) / Stop mode (power-off), see the section
"Launching Sleep mode / Watch mode / Stop mode" or "Launching Watch mode (power-off) / Stop mode (power-off)"
of "POWER CONSUMPTION CONTROL" in Hardware Manual, and follow the procedures.
Do not perform the following when using a monitor debugger.
•Do not set a break point for the low-power consumption transition program.
•Do not execute an operation step for the low-power consumption transition program.
 Notes When Writing Data in a Register Having the Status Flag
When writing data in the register that has a status flag (especially, an interrupt request flag) to control function, take
care not to clear its status flag erroneously.
The program must be written not to clear the flag to the status bit, and to set the control bits to have the desired value.
Especially, if multiple control bits are used, the bit instruction cannot be used. (The bit instruction can access to a
single bit only.) The Byte, Half-word, or Word access must be used to write data in the control bits and status flag
simultaneously. During this time, take care not to clear other bits (in this case, the bits of status flag) erroneously.
Note:
These points can be ignored because the bit instructions already take the points into consideration for
registers that support read-modify-write (RMW) operations. These points must be considered when using the bit
instructions for registers that do not support RMW operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com