Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3720 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3720
Description  Single Phase VRM8.5 Current Mode Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3720 Datasheet(HTML) 2 Page - Linear Technology

  LTC3720 Datasheet HTML 1Page - Linear Technology LTC3720 Datasheet HTML 2Page - Linear Technology LTC3720 Datasheet HTML 3Page - Linear Technology LTC3720 Datasheet HTML 4Page - Linear Technology LTC3720 Datasheet HTML 5Page - Linear Technology LTC3720 Datasheet HTML 6Page - Linear Technology LTC3720 Datasheet HTML 7Page - Linear Technology LTC3720 Datasheet HTML 8Page - Linear Technology LTC3720 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC3720
3720f
(Note 1)
Input Supply Voltage
VIN, ION ..................................................36V to –0.3V
Boosted Topside Driver Supply Voltage
BOOST .................................................. 42V to – 0.3V
SW, SENSE+ Voltages ................................. 36V to – 5V
EXTVCC, (BOOST – SW), RUN/SS, VCC
VID0-VID4, PGOOD Voltages ..................... 7V to – 0.3V
FCB, VON, VRNG Voltages .......... INTVCC + 0.3V to –0.3V
ITH, VFB, VOSENSE Voltages ....................... 2.7V to –0.3V
TG, BG, INTVCC, EXTVCC Peak Currents .................... 2A
TG, BG, INTVCC, EXTVCC RMS Currents .............. 50mA
Operating Ambient Temperature Range
LTC3720EGN (Note 2) ........................ – 40
°C to 85°C
Junction Temperature (Note 3) ............................ 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC3720EGN
TJMAX = 125°C, θJA = 95°C/ W
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VIN = 15V unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD NARROW PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS
VON
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
SGND
VFB
VOSENSE
VID0
VID1
BOOST
TG
SW
SENSE+
SENSE
PGND
BG
INTVCC
VIN
EXTVCC
VCC
VID4
VID3
VID2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
IQ
Input DC Supply Current
Normal
900
2000
µA
Shutdown Supply Current
15
30
µA
VFB
Feedback Reference Voltage
ITH = 1.2V (Note 4)
q
0.792
0.800
0.808
V
∆VFB(LINEREG) Feedback Voltage Line Regulation
VIN = 4V to 30V, ITH = 1.2V (Note 4)
0.002
%/V
∆VFB(LOADREG) Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 4)
q
– 0.05
– 0.3
%
IFB
Feedback Pin Input Current
–5
±50
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 4)
1.4
1.7
2
mS
VFCB
Forced Continuous Threshold
q
0.76
0.8
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.8V
– 1
– 2
µA
tON
On-Time
ION = 60µA, VON = 1.5V
200
250
300
ns
ION = 30µA, VON = 1.5V
425
500
575
ns
tON(MIN)
Minimum On-Time
ION = 180µA, VON = 0V
50
100
ns
tOFF(MIN)
Minimum Off-Time
ION = 60µA, VON = 1.5V
250
400
ns
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 1V, VFB = 0.76V
q
113
133
153
mV
VSENSE– – VSENSE+
VRNG = 0V, VFB = 0.76V
q
79
93
107
mV
VRNG = INTVCC, VFB = 0.76V
q
158
186
214
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 1V, VFB = 0.84V
– 67
mV
VSENSE– – VSENSE+
VRNG = 0V, VFB = 0.84V
– 47
mV
VRNG = INTVCC, VFB = 0.84V
– 93
mV
∆VFB(OV)
Output Overvoltage Fault Threshold
5.5
7.5
9.5
%
VFB(UV)
Output Undervoltage Fault Threshold
520
600
680
mV
VRUN/SS(ON)
RUN Pin Start Threshold
q
0.8
1.5
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com