Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3720 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3720
Description  Single Phase VRM8.5 Current Mode Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3720 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3720 Datasheet HTML 16Page - Linear Technology LTC3720 Datasheet HTML 17Page - Linear Technology LTC3720 Datasheet HTML 18Page - Linear Technology LTC3720 Datasheet HTML 19Page - Linear Technology LTC3720 Datasheet HTML 20Page - Linear Technology LTC3720 Datasheet HTML 21Page - Linear Technology LTC3720 Datasheet HTML 22Page - Linear Technology LTC3720 Datasheet HTML 23Page - Linear Technology LTC3720 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC3720
3720f
APPLICATIO S I FOR ATIO
Figure 8. 15A CPU Core Voltage Regulator with Active Voltage Positioning at 300kHz
Figure 9. Normal Transient Response (COUT = 5 × 270µF)
VOUT
100mV/DIV
1.5V
IL
10A/DIV
COUT = 5 × 270µF20µs/DIV
3720 F09
VIN = 15V
FIGURE 7 CIRCUIT
Figure 10. Transient Response with Active
Voltage Positioning (COUT = 3 × 270µF)
VOUT
100mV/DIV
1.5V
IL
10A/DIV
COUT = 3 × 270µF20µs/DIV
3720 F10
VIN = 15V
FIGURE 8 CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS
VON
PGOOD
VRNG
FCB
ITH
SGND
ION
VFB
SGND
VFB
VOSENSE
VID0
VID1
BOOST
TG
SW
SENSE+
SENSE–
PGND
BG
INTVCC
VIN
EXTVCC
VCC
VID4
VID3
VID2
LTC3720
INT VCC
INT VCC
VIN
330k
100k
CION
0.01
µF
RVP2
40.2k
RVP1 12.4k
CSS
0.1pF
CC 180pF
CB 0.33µF
CF
0.1
µF
POWER GOOD
+
VOUT
1.05V TO 1.825V
15A
VIN
5V TO 24V
COUT
270
µF
2V
×3
CIN
10
µF
35V
×3
SGND
3720 F08
DB
CMDSH-3
M1
IRF7811A
M2
IRF7811A
×2
4.7
µF
6.3V
UPS840
RSENSE
0.003
Ω
RF
1
Ω
CFB
100pF
RRNG1
4.99k
RRNG2
45.3k
L1
1
µH
+
The modified circuit is shown in Figure 8. Figures 9 and 10
show the transient response without and with active
voltage positioning. Both circuits easily stay within
±100mV
of the 1.5V output. However, the circuit with active voltage
positioning accomplishes this with only three output ca-
pacitors rather than five. Refer to Linear Technology
Design Solutions 10 for additional information about
active voltage positioning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com