Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7636AJS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7636AJS
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636AJS Datasheet(HTML) 3 Page - Exar Corporation

  MP7636AJS Datasheet HTML 1Page - Exar Corporation MP7636AJS Datasheet HTML 2Page - Exar Corporation MP7636AJS Datasheet HTML 3Page - Exar Corporation MP7636AJS Datasheet HTML 4Page - Exar Corporation MP7636AJS Datasheet HTML 5Page - Exar Corporation MP7636AJS Datasheet HTML 6Page - Exar Corporation MP7636AJS Datasheet HTML 7Page - Exar Corporation MP7636AJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7636A
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
16
16
Bits
Integral Non-Linearity
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
J, S
+4+4
K, L, T
+2+2
Differential Non-Linearity
DNL
LSB
All grades guaranteed
J, S
+4+4
monotonic over full
K, T
+2+2
operating temperature
L+1+2
range.
Gain Error
GE
+0.1
+0.1
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
+2
ppm/
°C
∆Gain/∆Temperature
Power Supply Rejection Ratio
PSRR
+50
+50
ppm/%
|∆Gain/∆VDD|
∆VDD = + 5%
Output Leakage Current
IOUT
+10
+200
nA
IOUT1 only
DYNAMIC PERFORMANCE2
Current Settling Time
tS
2
µs
To 1/2 LSB
RL=100Ω, CEXT=13pF
AC Feedthrough at IOUT1
FT
2
mV p-p
VREF = 20 V p-p
Sine wave @ 10kHz
REFERENCE INPUT
Input Resistance
RIN
2.5
7.5
2.5
7.5
k
Ω
LOGIC INPUTS3
Input High Voltage
VINH
3.0
2.4
3.0
V
Input Low Voltage
VINL
0.8
0.8
V
Input Current
ILKG
+1+1
µA
Input Capacitance
Data
CIN
5pF
Control
CIN
5pF
ANALOG OUTPUTS2
Output Capacitance
COUT1
280
pF
DAC all 1’s
COUT1
120
pF
DAC all 0’s
COUT2
100
pF
DAC all 1’s
COUT2
240
pF
DAC all 0’s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com