Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7636AJS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7636AJS
Description  15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7636AJS Datasheet(HTML) 1 Page - Exar Corporation

  MP7636AJS Datasheet HTML 1Page - Exar Corporation MP7636AJS Datasheet HTML 2Page - Exar Corporation MP7636AJS Datasheet HTML 3Page - Exar Corporation MP7636AJS Datasheet HTML 4Page - Exar Corporation MP7636AJS Datasheet HTML 5Page - Exar Corporation MP7636AJS Datasheet HTML 6Page - Exar Corporation MP7636AJS Datasheet HTML 7Page - Exar Corporation MP7636AJS Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP7636A
1
Rev. 2.00
FEATURES
• Four Quadrant Multiplication
• 16-Bit Monotonicity
• Lower Data Bus Feedthrough @ CS = 1
• Low Feedthrough Error
• Low Power Consumption
• TTL/5 V CMOS Compatible
• Double Buffered
• Decoded DAC Approach
• Latch-Up Free
15 V CMOS Microprocessor Compatible
Double-Buffered, Multiplying 16-Bit
Digital-to-Analog Converter
BENEFITS
• High Accuracy Performance at Low Cost
• Easy Interface with 8-Bit Microprocessors
• Simple Upgrade of MP1230A Family to High
Accuracy (Pin Compatible)
• Reduced Board Space
• 16-Bit Bus Version: MP7626
GENERAL DESCRIPTION
The MP7636A is manufactured using advanced thin film
resistors on a double metal CMOS process. The MP7636A
incorporates a unique bit decoding technique yielding lower
glitch, higher speed and excellent accuracy over temperature
and time. 16-bit differential non-linearity is achieved with
minimal laser trim.
The MP7636A is packaged in a 20-pin 300 mil wide DIP and is
a direct 16-bit replacement for the 12-bit DAC1230 series. Full
pin-for-pin compatibility allows existing systems to be upgraded
to 16 bits without hardware modification.
The MP7636A provides 16-bit data loading through 8 input
data lines for direct interface to 8-bit data buses. All data loading
and data transfer operations are identical to the WRITE cycle of
a static RAM.
The MP7636A uses a unique circuit which significantly
reduces transients in the supplies during DATA bus transitions
at CS = 1.
SIMPLIFIED BLOCK DIAGRAM
DGND
AGND
DB15 (MSB)
(DB7)
DB14
(DB6)
DB13
(DB5)
DB12
(DB4)
DB11
(DB3)
DB10
(DB2)
DB9
(DB1)
DB8
(DB0, LSB)
BYTE1/BYTE2
CS
WR1
XFER
WR2
8-Bit
Input
Latch
16-Bit
Register
16-Bit
MDAC
LE
LE
When LE = 1 latch outputs follow inputs
When LE = 0 Latch outputs are latched
RFB
IOUT1
IOUT2
VDD
VREF
8-Bit
Input
Latch


Similar Part No. - MP7636AJS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633AD ETC-MP7633AD Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633BD ETC-MP7633BD Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633CD ETC-MP7633CD Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
MP7633JN ETC-MP7633JN Datasheet
1Mb / 5P
CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - MP7636AJS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Exar Corporation
MP7614 EXAR-MP7614 Datasheet
91Kb / 8P
15 V CMOS Multiplying 14-Bit Digital-to-Analog Converter
MP7680 EXAR-MP7680 Datasheet
307Kb / 12P
5 V CMOS 12-Bit Quad Double-Buffered Multiplying Digital-to-Analog Converter
MP7541B EXAR-MP7541B Datasheet
89Kb / 8P
15 V CMOS Multiplying 12-Bit Digital-to-Analog Converter
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
MP7616 EXAR-MP7616 Datasheet
91Kb / 8P
15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com