Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032J Datasheet(PDF) 38 Page - Cypress Semiconductor

Part # S29CD032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CD032J Datasheet(HTML) 38 Page - Cypress Semiconductor

Back Button S29CD032J Datasheet HTML 34Page - Cypress Semiconductor S29CD032J Datasheet HTML 35Page - Cypress Semiconductor S29CD032J Datasheet HTML 36Page - Cypress Semiconductor S29CD032J Datasheet HTML 37Page - Cypress Semiconductor S29CD032J Datasheet HTML 38Page - Cypress Semiconductor S29CD032J Datasheet HTML 39Page - Cypress Semiconductor S29CD032J Datasheet HTML 40Page - Cypress Semiconductor S29CD032J Datasheet HTML 41Page - Cypress Semiconductor S29CD032J Datasheet HTML 42Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 38 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
8.1
Advanced Sector Protection Overview
As shipped from the factory, all devices default to the persistent mode when power is applied, and all sector groups are unprotected.
The device programmer or host system must then choose which sector group protection method to use. Programming (setting to “0”)
any one of the following two one-time programmable, non-volatile bits locks the device permanently in that mode:
Persistent Protection Mode Lock Bit
Password Protection Mode Lock Bit
After selecting a sector group protection method, each sector group can operate in any of the following three states:
1. Persistently Locked. A sector group is protected and cannot be changed.
2. Dynamically locked. The selected sector groups are protected and can be altered via software commands.
3. Unlocked. The sector groups are unprotected and can be erased and/or programmed.
These states are controlled by the bit types described in sections Persistent Protection Bits on page 39 to Hardware Data Protection
Methods on page 43.
Notes
1. If the password mode is chosen, the password must be programmed before setting the corresponding lock register bit.
The user must be sure that the password is correct when the Password Mode Locking Bit is set, as there is no means to
verify the password afterwards.
2. If both lock bits are selected to be programmed (to zeros) at the same time, the operation aborts.
3. Once the Password Mode Lock Bit is programmed, the Persistent Mode Lock Bit is permanently disabled, and no
changes to the protection scheme are allowed. Similarly, if the Persistent Mode Lock Bit is programmed, the Password
Mode is permanently disabled.
4. It is important that the mode is explicitly selected when the device is first programmed, rather than relying on the default
mode alone. This is so that it is impossible for a system program or virus to later set the Password Mode Locking Bit,
which would cause an unexpected shift from the default Persistent Sector Protection Mode into the Password Protection
Mode.
5. If the user attempts to program or erase a protected sector, the device ignores the command and returns to read mode. A
program command to a protected sector enables status polling for approximately 1 µs before the device returns to read
mode without modifying the contents of the protected sector. An erase command to a protected sector enables status
polling for approximately 50 µs, after which the device returns to read mode without having erased the protected sector.
6. For the command sequence required for programming the lock register bits, refer to Command Definitions on page 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com