Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD032J Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S29CD032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CD032J Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S29CD032J Datasheet HTML 9Page - Cypress Semiconductor S29CD032J Datasheet HTML 10Page - Cypress Semiconductor S29CD032J Datasheet HTML 11Page - Cypress Semiconductor S29CD032J Datasheet HTML 12Page - Cypress Semiconductor S29CD032J Datasheet HTML 13Page - Cypress Semiconductor S29CD032J Datasheet HTML 14Page - Cypress Semiconductor S29CD032J Datasheet HTML 15Page - Cypress Semiconductor S29CD032J Datasheet HTML 16Page - Cypress Semiconductor S29CD032J Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 13 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
5.6
LAD080–80-ball Fortified Ball Grid Array (11 x 9 mm) Physical Dimensions
g1064 \ f16-038.12 \ 01.31.12
NOTES:
1. DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2. ALL DIMENSIONS ARE IN MILLIMETERS.
3. BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5. SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE
"D" DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
N IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS
A AND B AND DEFINE THE POSITION OF THE CENTER
SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN
THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN
THE OUTER ROW, SD OR SE = e/2
8. “+” INDICATES THE THEORETICAL CENTER OF DEPOPULATED BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
PACKAGE
LAD 080
JEDEC
N/A
D X E
11.00 mm x 9.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.40
PROFILE
A1
0.35
0.45
0.55
BALL HEIGHT
D
11.00 BSC
BODY SIZE
E
9.00 BSC
BODY SIZE
D1
9.00 BSC
MATRIX FOOTPRINT
E1
7.00 BSC
MATRIX FOOTPRINT
MD
10
MATRIX SIZE D DIRECTION
ME
8
MATRIX SIZE E DIRECTION
N
80
BALL COUNT
b
0.55
0.65
0.75
BALL DIAMETER
eE
1.00 BSC
BALL PITCH
eD
1.00 BSC
BALL PITCH
SD / SE
0.50 BSC
SOLDER BALL PLACEMENT
N/A
DEPOPULATED SOLDER BALLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com